Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C031 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C031
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C031 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C031 Datasheet HTML 28Page - Advanced Micro Devices AM79C031 Datasheet HTML 29Page - Advanced Micro Devices AM79C031 Datasheet HTML 30Page - Advanced Micro Devices AM79C031 Datasheet HTML 31Page - Advanced Micro Devices AM79C031 Datasheet HTML 32Page - Advanced Micro Devices AM79C031 Datasheet HTML 33Page - Advanced Micro Devices AM79C031 Datasheet HTML 34Page - Advanced Micro Devices AM79C031 Datasheet HTML 35Page - Advanced Micro Devices AM79C031 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
Am79C02/03/031(A) Data Sheet
19. Write Operating Functions
(60h)
Adaptive B Filter
ABF = 0*
B filter Nonadaptive mode
PCD = 1
B filter Adaptive mode
A-law/µ-law
A/m = 0*
A-law coding
A/m = 1
µ-law coding
GR Filter
EGR = 0*
GR filter disabled
EGR = 1
GR filter enabled
GX Filter
EGX = 0*
GX filter disabled
EGX = 1
GX filter enabled
X Filter
EX = 0*
X filter disabled
EX = 1
X filter enabled
R Filter
ER = 0*
R filter disabled
ER = 1
R filter enabled
Z Filter
EZ = 0*
Z filter disabled
EZ = 1
Z filter enabled
B Filter
EB = 0*
B filter disabled
EB = 1
B filter enabled
* Power up default value.
Note:
The enable adaptive B filter command only is effective when used with the enable B filter
command.
20. Read Operating Functions
(61h)
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
0
0
0
0
0
Input Data
ABF
A/
µ
EGR
EGX
EX
ER
EZ
EB
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
1
0
0
0
0
1
Input Data
ABF
A/
µ
EGR
EGX
EX
ER
EZ
EB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com