Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADL8150
Data Sheet
Rev. 0 | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
6
5
4
GND
NC
RFIN
RFOUT/VCC
NC
GND
ADL8150
TOP VIEW
(Not to Scale)
NOTES
1. NO CONNECT. THIS PIN IS NOT CONNECTED INTERNALLY.
THIS PIN MUST BE CONNECTED TO THE RF AND DC GROUND.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED TO
RF AND DC GROUND.
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. This pin is ac-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
2, 5
NC
No Connect. This pin is not connected internally. This pin must be connected to the RF and dc ground.
3, 6
GND
Ground. This pin must be connected to the RF and dc ground. See Figure 3 for the interface schematic.
4
RFOUT/VCC
RF Output/Collector Bias for Amplifier. This pin is dc-coupled and matched to 50 Ω. See Figure 4 for the interface
schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
RFOUT/VCC
Figure 4. RFOUT/VCC Interface Schematic
RFIN
Figure 5. RFIN Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com