Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADL8150
Data Sheet
Rev. 0 | Page 12 of 15
SUPPLY VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–20
0
20
40
60
80
100
Figure 36. ICC vs. Supply Voltage
–140
–145
–150
–155
–160
–165
–170
–175
–180
–185
–190
–195
–200
100
1k
10k
FREQUENCY (Hz)
100k
Figure 37. Phase Noise vs. Frequency at 10 GHz, POUT = 10 dBm
–140
–145
–150
–155
–160
–165
–170
–175
–180
–185
–190
–195
–200
100
1k
10k
FREQUENCY (Hz)
100k
Figure 38. Phase Noise vs. Frequency at 10 GHz, POUT = PSAT
–140
–145
–150
–155
–160
–165
–170
–175
–180
–185
–190
–195
–200
100
1k
10k
FREQUENCY (Hz)
100k
Figure 39. Phase Noise vs. Frequency at 10 GHz, POUT = P1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com