Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8150ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GaAs, HBT, MMIC, Low Phase Noise
Amplifier, 6 GHz to 14 GHz
Data Sheet
ADL8150
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
OP1dB: 18 dBm (typical at 7 GHz to 12 GHz)
PSAT: 22 dBm (typical at 7 GHz to 12 GHz)
Gain: 12 dB (typical at 7 GHz to 12 GHz)
OIP3: 30 dBm typical
Phase noise: −172 dBc/Hz at 10 kHz offset
Supply voltage: 5 V at 74 mA
6-lead, 2 mm × 2 mm LFCSP
APPLICATIONS
Military and space
Test instrumentation
Communications
FUNCTIONAL BLOCK DIAGRAM
2
1
3
6
5
4
GND
NC
RFIN
RFOUT/VCC
NC
GND
Figure 1.
GENERAL DESCRIPTION
The ADL8150 is a self biased gallium arsenide (GaAs),
monolithic microwave integrated circuit (MMIC), heterojunction
bipolar transistor (HBT), low phase noise amplifier that operates
from 6 GHz to 14 GHz. The amplifier provides 12 dB of typical
signal gain, 18 dBm output power at 1 dB gain compression
(OP1dB), and a typical output third-order intercept (OIP3) of
30 dBm. The amplifier requires 74 mA from a 5 V collector
supply voltage. The ADL8150 also features inputs and outputs
(I/Os) that are internally matched to 50 Ω, and facilitates
integration into multichip modules (MCMs).
Note that throughout this data sheet, multifunction pins, such
as RFOUT/VCC, are referred to either by the entire pin name or by
a single function of the pin, for example, RFOUT, when only that
function is relevant.


Similar Part No. - ADL8150ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
More results

Similar Description - ADL8150ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-686 ETC-SNA-686 Datasheet
494Kb / 5P
DC 6 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC320MS8G HITTITE-HMC320MS8G_09 Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
7/2020-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com