Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADL8150
Rev. 0 | Page 7 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
ICQ is the collector current without RF signal applied, and ICC is the collector current with RF signal applied.
S11
S21
S22
FREQUENCY (GHz)
5
6
7
8
9
10
11
12
13
14
15
–15
–10
–5
0
5
10
15
Figure 6. Broadband Gain and Return Loss Response vs. Frequency
3V
4V
5V
6V
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
0
2
4
6
8
10
12
14
Figure 7. Gain vs. Frequency for Various Supply Voltages
3V
4V
5V
6V
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
–12
–10
–8
–6
–4
–2
0
Figure 8. Input Return Loss vs. Frequency for Various Supply Voltages
+25°C
–40°C
+85°C
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
0
2
4
6
8
10
12
14
Figure 9. Gain vs. Frequency for Various Temperatures
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
–12
–10
–8
–6
–4
–2
0
+25°C
–40°C
+85°C
Figure 10. Input Return Loss vs. Frequency for Various Temperatures
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
–12
–10
–8
–6
–4
–2
0
+25°C
–40°C
+85°C
Figure 11. Output Return Loss vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com