Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADL8150
Data Sheet
Rev. 0 | Page 14 of 15
APPLICATIONS INFORMATION
BIASING PROCEDURES
The ADL8150 is a self biased GaAs, MMIC, HBT, low phase
noise amplifier. Figure 41 shows the typical application circuit.
The choice of L1 and C4 are critical to obtain the performance
specified in this data sheet. L1 is a Coilcraft 0402DF-560XJR,
56 nH inductor. C4 is an American Technical Ceramics,
531Z104KTR16T, 0.1 μF capacitor.
Power the ADL8150 from a well regulated, ultra low noise
power source. The LT3045EDD#PBF ultra low noise, ultrahigh
power supply ripple rejection (PSRR) linear regulator is
recommended.
All of these components are included in the ADL8150
evaluation board circuit. For more details, see the ADL8150-
EVALZ user guide.
Adhere to the following bias sequence during power-up:
1. Connect the VCC pin to the power supply.
2. Set the VCC pin to 5 V.
3. Apply the RF input signal.
Adhere to the following bias sequence during power-down:
1. Turn off the RF input signal.
2. Set the VCC pin to 0 V.
2
1
3
6
5
4
GND
RFIN
GND
GND
RFOUT
L1
56nH
C4
0.1µF
VCC
C1
4.7µF
C2
10pF
ADL8150
0.01µF
C3
Figure 41. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com