Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Data Sheet
ADL8150
Rev. 0 | Page 15 of 15
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.30
0.25
0.20
TOP VIEW
SIDE VIEW
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
0.90
0.85
0.80
1.10
1.00
0.90
0.203 REF
0.05 MAX
0.02 NOM
1.30 REF
0.65
BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.05
2.00 SQ
1.95
5
8
1
4
COPLANARITY
0.08
SEATING
PLANE
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 42. 6-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2 mm Body and 0.85 mm Package Height
(CP-6-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
MSL Rating3
Package Description4
Package Option
ADL8150ACPZN
−40°C to +85°C
MSL3
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-12
ADL8150ACPZN-R7
−40°C to +85°C
MSL3
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-12
ADL8150-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
2
When ordering the evaluation board only, reference the model number, ADL8150-EVALZ.
3
See the Absolute Maximum Ratings section for additional information.
4
The lead finish of the ADL8150ACPZN and ADL8150ACPZN-R7 is nickel palladium gold (NiPdAu).
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D25523-10/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com