Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8150ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL8150ACPZN-R7
Description  GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8150ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL8150ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8150ACPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADL8150
Rev. 0 | Page 11 of 15
3V
4V
5V
6V
FREQUENCY (GHz)
6
7
8
9
10
11
12
13
14
0
10
20
30
40
50
60
70
Figure 30. OIP2 vs. Frequency for Various Supply Voltages, POUT per Tone =
6 dBm, VCC = 5 V
6GHz
7GHz
8GHz
9GHz
10GHz
11GHz
12GHz
13GHz
14GHz
POUT PER TONE (dBm)
0
1
2
3
4
5
6
7
8
10
20
30
40
50
60
Figure 31. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone for
Various Frequencies at VCC = 4 V
6GHz
7GHz
8GHz
9GHz
10GHz
11GHz
12GHz
13GHz
14GHz
POUT PER TONE (dBm)
0
1
2
3
4
5
6
7
8
10
20
30
40
50
60
70
Figure 32. IM3 vs. POUT per Tone for Various Frequencies at VCC = 6 V
6GHz
7GHz
8GHz
9GHz
10GHz
11GHz
12GHz
13GHz
14GHz
POUT PER TONE (dBm)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
Figure 33. IM3 vs. POUT per Tone for Various Frequencies at VCC = 3 V
6GHz
7GHz
8GHz
9GHz
10GHz
11GHz
12GHz
13GHz
14GHz
POUT PER TONE (dBm)
0
1
2
3
4
5
6
7
8
10
20
30
40
50
60
70
Figure 34. IM3 vs. POUT per Tone for Various Frequencies at VCC = 5 V
6GHz
7GHz
8GHz
9GHz
10GHz
11GHz
12GHz
13GHz
14GHz
INPUT POWER (dBm)
–20
–16
–12
–8
–4
0
4
8
12
70
78
86
94
102
110
Figure 35. ICC vs. Input Power for Various Frequencies at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com