Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 20 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 16Page - NXP Semiconductors FXLS8964AF Datasheet HTML 17Page - NXP Semiconductors FXLS8964AF Datasheet HTML 18Page - NXP Semiconductors FXLS8964AF Datasheet HTML 19Page - NXP Semiconductors FXLS8964AF Datasheet HTML 20Page - NXP Semiconductors FXLS8964AF Datasheet HTML 21Page - NXP Semiconductors FXLS8964AF Datasheet HTML 22Page - NXP Semiconductors FXLS8964AF Datasheet HTML 23Page - NXP Semiconductors FXLS8964AF Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
20 / 98
10.1.2.5 I2C data sequence diagrams
<Single Byte Read>
<Multiple Byte Write>
W
SP
Master
Slave
<Single Byte Write>
Legend
ST: Start Condition
SR: Repeated Start Condition
SP: Stop Condition
NACK: No Acknowledge W: Write = 0
ACK: Acknowledge
ACK
ACK
ACK
ACK
ST
Device Address[6:0]
W
SP
Register Address[7:0]
ACK
ACK
ACK
<Multiple Byte Read>
SP
ACK
ACK
NACK
ST
Device Address[6:0]
W
Register Address[7:0]
ACK
ACK
ACK
SR
Device Address[6:0]
R
continued
ACK
ST
Device Address[6:0]
W
Register Address[7:0]
ACK
ACK
SR
R
ACK
SP
NACK
Data[7:0]
Data[7:0]
Data[7:0]
Data[7:0]
Data[7:0]
Data[7:0]
Data[7:0]
Data[7:0]
Master
Slave
Master
Slave
Master
Slave
Master
Slave
Register Address[7:0]
Device Address[6:0]
ST
Device Address[6:0]
Figure 11. I2C Data Sequence Diagrams
11 SPI interface
The SPI interface is a classical Master/Slave serial port. FXLS8964AF is always
considered to be the slave device and thus never initiates communication with the host
processor.
The SPI interface of FXLS8964AF is compatible with interface mode 00, corresponding
to CPOL = 0 and CPHA = 0.
For CPOL = 0, the idle value of the clock is zero, and the active value of the clock is 1.
For CPHA = 0, data is captured on the clock's rising edge (low to high transition) and
data is propagated on the clock's falling edge (high to low transition).
11.1 General SPI operation
The SPI_CS_B pin is driven low at the start of a transaction, held low for the duration
of the transfer, and then driven high again after the transaction is completed. During a
transaction, the master toggles the clock (SCLK). The SCLK polarity is defined as having
an idle value that is low, and an active phase that is high (CPOL = 0). Serial input and
output data is captured on the clock's rising edge and propagated on the falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com