Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 71Page - NXP Semiconductors FXLS8964AF Datasheet HTML 72Page - NXP Semiconductors FXLS8964AF Datasheet HTML 73Page - NXP Semiconductors FXLS8964AF Datasheet HTML 74Page - NXP Semiconductors FXLS8964AF Datasheet HTML 75Page - NXP Semiconductors FXLS8964AF Datasheet HTML 76Page - NXP Semiconductors FXLS8964AF Datasheet HTML 77Page - NXP Semiconductors FXLS8964AF Datasheet HTML 78Page - NXP Semiconductors FXLS8964AF Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
75 / 98
Table 96. SDCD_INT_SRC1 register (address 2Dh) bit description
Field
Description
7
OT_EA
SDCD outside-of-thresholds event active flag
0 (default): Event flag has not been asserted; the data for all enabled axes is within the window
defined by
SDCD_UTHS and SDCD_LTHS registers.
1: One or more of the enabled axes' sensor data (absolute mode) or deltas (relative mode) sits on or
outside of (for example, (data or delta) ≤
SDCD_LTHS or (data or delta) ≥ SDCD_UTHS) the upper
or lower thresholds specified in the
SDCD_UTHS and SDCD_LTHS registers. The OT_EA flag is
set whenever (X_OT_EF | Y_OT_EF | Z_OT_EF
) evaluates to true for a number of ODR periods ≥
SDCD_OT_DBCNT.
Note:
• The axes selected for participation in the over thresholds condition evaluation are enabled via the
X/Y/Z_OT_EN bits in the
SDCD_CONFIG1 register. If none of the X/Y/Z_OT_EN bits are set then
the SDCD_OT function is effectively disabled.
• When SENS_CONFIG4[WAKE_SDCD_OT] = 1, the Auto-WAKE/SLEEP timer is reset on every
ODR cycle when the OT_EA flag is asserted (set), which will prevent the device from transitioning
into SLEEP mode. This flag must be de-asserted (cleared) in order for FXLS8964AF to transition to
SLEEP mode.
5
X_OT_EF
X-axis data or delta-outside-of-upper-and-lower-thresholds event flag; enabled if X_OT_EN = 1
0: X-axis data or delta is <
SDCD_UTHS value and > SDCD_LTHS value.
1: X-axis data or delta is either ≥
SDCD_UTHS value or ≤ SDCD_LTHS value; the X_OT_POL flag
may be used to determine which threshold has been met or crossed.
4
X_OT_POL[1][2]
X-axis outside-of-thresholds polarity flag
0: X-axis data or delta was ≤ lower threshold value
1: X-axis data or delta was ≥ upper threshold value
3
Y_OT_EF
Y-axis data or delta-outside-of-upper-and-lower-thresholds event flag; enabled if Y_OT_EN = 1
0: Y-axis data or delta is <
SDCD_UTHS value and > SDCD_LTHS value.
1: Y-axis data or delta is either ≥
SDCD_UTHS value or ≤ SDCD_LTHS value; the Y_OT_POL flag
may be used to determine which threshold has been met or crossed.
2
Y_OT_POL[1][2]
Y-axis outside-of-thresholds polarity flag
0: Y-axis data or delta was equal to or below lower threshold value
1: Y-axis data or delta was equal to or above upper threshold value
1
Z_OT_EF[1][2]
Z-axis data or delta-outside-of-upper-and-lower-thresholds event flag; enabled if Z_OT_EN = 1
0: Z-axis data or delta is <
SDCD_UTHS value and > SDCD_LTHS value
1: Z-axis data or delta is either ≥
SDCD_UTHS value or ≤ SDCD_LTHS value; the Z_OT_POL flag
may be used to determine which threshold has been met or crossed
0
Z_OT_POL
Z-axis outside-of-thresholds polarity flag
0: Z-axis data or delta was equal to or below lower threshold value
1: Z-axis data or delta was equal to or above upper threshold value
[1]
This flag is only meaningful if X/Y/Z_OT_EF = 1; their individual states are latched when the X/Y/Z_OT_EF flag(s) are set, regardless of the state of
SDCD_CONFIG1[OT_ELE].
[2]
When SDCD_CONFIG1[OT_ELE] = 0, these flags are updated when X/Y/Z_OT_EF = 1 and the SDCD_OT_DBCNT value is reached.
13.31.2 SDCD_INT_SRC2 register (address 2Eh)
This register contains the SDCD within-thresholds event status flags. The WT_EA flag
may be used to signal interrupts to a host processor are mapped to one of the INT1 or
INT2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com