Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 24 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 20Page - NXP Semiconductors FXLS8964AF Datasheet HTML 21Page - NXP Semiconductors FXLS8964AF Datasheet HTML 22Page - NXP Semiconductors FXLS8964AF Datasheet HTML 23Page - NXP Semiconductors FXLS8964AF Datasheet HTML 24Page - NXP Semiconductors FXLS8964AF Datasheet HTML 25Page - NXP Semiconductors FXLS8964AF Datasheet HTML 26Page - NXP Semiconductors FXLS8964AF Datasheet HTML 27Page - NXP Semiconductors FXLS8964AF Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
24 / 98
Table 12.  Slave timing values
Specifications
Label
Description
Min.
Max.
Unit
fSCLK
SCLK frequency
0
4
MHz
tSCLK
SCLK Period
250
ns
tSCLKH
SCLK high time
100
ns
tSCLKL
SCLK low time
100
ns
tHZ
Hold time for SPI_MISO signal (transition
back to high-z state)
15
ns
tSCS
Setup time for SPI_CS_B signal
125
ns
tHCS
Hold time for SPI_CS_B signal
240
ns
tWCS
Inactive time for SPI_CS_B signal
600
ns
tSET
Data setup time for SPI_MOSI signal
10
ns
tHOLD
Data hold time for SPI_MOSI signal
10
ns
tDDLY
Setup time for SPI_MISO signal (transition
out of high-z state)
50
ns
SPI_CS_B
tSCS
SCLK
tSET
SPI_MOSI
SPI_MISO
tHOLD
tSCLK
tSCLKH
tSCLKL
tDDLY
tHCS
tWCS
High-Impedance
tHZ
High-Impedance
Figure 18. SPI timing diagram (4-wire mode)
11.6 SPI timing specifications (software enabled 3-wire mode)
Table 13 and Figure 19 specify and illustrate the minimum and maximum timing
parameter values for correct SPI interface functionality when FXLS8964AF is operated
in 3-wire (software enabled) SPI mode. FXLS8964AF only supports SPI mode '00',
corresponding to CPOL = 0, and CPHA = 0. In this mode, the active state of the
clock is high and the idle state is low. Data is latched on the rising edge of the clock
and propagated on the falling edge. All timing specifications shown in Table 13 were
determined under the following conditions: 10 pF capacitor and 1 kΩ pull-up resistor
present on all SPI signals, 105 °C, 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com