Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 22Page - NXP Semiconductors FXLS8964AF Datasheet HTML 23Page - NXP Semiconductors FXLS8964AF Datasheet HTML 24Page - NXP Semiconductors FXLS8964AF Datasheet HTML 25Page - NXP Semiconductors FXLS8964AF Datasheet HTML 26Page - NXP Semiconductors FXLS8964AF Datasheet HTML 27Page - NXP Semiconductors FXLS8964AF Datasheet HTML 28Page - NXP Semiconductors FXLS8964AF Datasheet HTML 29Page - NXP Semiconductors FXLS8964AF Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
26 / 98
12 Operating modes
Table 14. FXLS8964AF operating modes descriptions
Mode
I2C/SPI
bus state
VDD
Description
OFF
Unavailable
< 1.71 V
Communication with FXLS8964AF is not possible, but
communications with other devices on the same I2C/SPI bus is
possible provided the VDD supply pin is left floating/unconnected and
not connected to GND.
If VDD is not left floating/unconnected, the ESD protection diodes on
the interface pins could become forward biased and clamp the bus,
preventing normal operation.
As soon as the supply reaches 1.71 V, the device BOOT process
begins.
BOOT
Unavailable
≥ 1.71 V
BT_MODE = GND:
In this phase, the device is initialized and any default configuration
parameters are loaded from OTP memory. When this phase is
complete, the SRC_BOOT bit is set and a TPULSE-BOOT1 µs pulse may
be signaled on either one of the INT1/2 pins (defaults to enabled on
the INT1 pin after POR).
BT_MODE = VDD:
In this phase, the device is initialized and any default configuration
parameters are loaded from OTP memory, along with any default
Motion Detection function specific parameters. When the default
configuration parameters are loaded from OTP memory, the
SRC_BOOT bit is set and a boot pulse, TPULSE-BOOT2, can be signaled
on the INT2 pin. By default, the boot pulse is routed to INT2 pin and
cannot be routed to INT1 pin.
Hibernate
Unavailable
≥ 1.71 V
The Wake-Up detection circuit is active, but all other analog and
digital blocks are disabled to minimize the current drawn on the VDD
pin. I2C and SPI interfaces are not available, and all previously written
register settings are lost.
BT_MODE = GND:
The host must toggle the SPI_CS_B / WAKE-UP pin (low-to-high or
high-to-low) in order to initiate a transition back into Standby mode
before attempting communications with the device. The host must wait
TBOOT1 ms for the boot process to complete.
BT_MODE = VDD:
The INT1/MOT_DET pin is set high (level sensitive) through an
external pull-up resistor; the device then exits Hibernate mode and
starts the BOOT process. The host must wait TBOOT2 ms for the
boot process to complete and the motion detection process to begin.
Communication with the device over the I2C or SPI interfaces is
possible after the BOOT process completes.
Standby
Available
≥ 1.71V
Sensor and analog blocks are disabled;
I2C and SPI interfaces are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com