Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 66 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 62Page - NXP Semiconductors FXLS8964AF Datasheet HTML 63Page - NXP Semiconductors FXLS8964AF Datasheet HTML 64Page - NXP Semiconductors FXLS8964AF Datasheet HTML 65Page - NXP Semiconductors FXLS8964AF Datasheet HTML 66Page - NXP Semiconductors FXLS8964AF Datasheet HTML 67Page - NXP Semiconductors FXLS8964AF Datasheet HTML 68Page - NXP Semiconductors FXLS8964AF Datasheet HTML 69Page - NXP Semiconductors FXLS8964AF Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
66 / 98
Field
Description
BUF_MODE[1:0]
Buffer data collection mode:
00: Buffer is disabled.
01: Stream Mode: buffer always contains the most recent 32 samples when overflowed.
The oldest sample data is replaced with new data when the buffer becomes full and a new
sample arrives.
10: Stop Mode: buffer stops accepting new samples when full.
11: Trigger mode: The buffer will operate in circular mode until the trigger event
occurs, collecting up to
BUF_CONFIG2[BUF_WMRK[5:0]] samples; after a
configured trigger event occurs the buffer will continue to accept up to (32-
BUF_
CONFIG2[BUF_WMRK[5:0]]) samples, set the BUF_OVF flag, and stop collecting
further samples. This allows acceleration data to be collected both before and after the
trigger event, with the maximum number of pre-trigger samples defined by the
BUF_
CONFIG2[BUF_WMRK[5:0]] setting. Note that the BUF_OVF flag will be cleared and
the triggered mode re-armed once the host flushes or reads all the buffer contents.
The available trigger sources are the SDCD within- and outside-of-thresholds events,
and orientation change event. These trigger sources are enabled in this register via the
TRIG_SDCD_WT, TRIG_SDCD_OT, and TRIG_ORIENT bits.
BUF_GATE
Output data buffer gate enable:
0: Buffer gate is bypassed (default). Output data buffer is automatically flushed when FX
LS8964AF transitions from WAKE to SLEEP or SLEEP to WAKE modes. This is done to
prevent acceleration data from two different ODR's rates becoming mixed in the output
buffer.
1: The Output data buffer input gate is enabled when transitioning from WAKE to
SLEEP or SLEEP to WAKE modes; the entire buffer contents must be read out or
flushed (
BUF_CONFIG2[BUF_FLUSH] = 1) to allow the further collection of sample
data. Any new sample(s) that arrive before the buffer has been read out or flushed are
discarded, and the BUF_GATE_ERR bit in the
SYS_MODE register is asserted. SYS_
MODE[BUF_GATE_CNT] maintains a count of the number of samples discarded since
the BUF_GATE_ERR flag was asserted.
Although FXLS8964AF will still transition from WAKE to SLEEP or SLEEP to WAKE, the
contents of the FIFO buffer are preserved, and any new data samples are not stored in
the buffer until it is either emptied of flushed by the host application.
Note:
The BUF_GATE_ERR flag will remain asserted as long as the buffer remains un-emptied.
When triggered buffer mode (BUF_MODE = 11b) is selected and
ASLP_COUNT ≥ 1, the
BUF_GATE setting is ignored.
The BUF_GATE bit in 1: Trigger source is enabled, when set, will hold the last data set
stored in the buffer before transitioning to the SLEEP or WAKE modes. After the buffer is
flushed, FXLS8964AF will start accepting new sample data into the buffer at the current
operating mode ODR.
TRIG_SDCD_WT
SDCD within thresholds event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
TRIG_SDCD_OT
SDCD outside of thresholds event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
TRIG_ORIENT
Orientation change event buffer trigger enable:
0: Trigger source is disabled (default).
1: Trigger source is enabled
The buffer contents are flushed whenever the buffer is disabled (by setting BUF_MODE
= 00b), when
BUF_CONFIG2[BUF_FLUSH] is set, or after an automatic power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com