Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 27 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 23Page - NXP Semiconductors FXLS8964AF Datasheet HTML 24Page - NXP Semiconductors FXLS8964AF Datasheet HTML 25Page - NXP Semiconductors FXLS8964AF Datasheet HTML 26Page - NXP Semiconductors FXLS8964AF Datasheet HTML 27Page - NXP Semiconductors FXLS8964AF Datasheet HTML 28Page - NXP Semiconductors FXLS8964AF Datasheet HTML 29Page - NXP Semiconductors FXLS8964AF Datasheet HTML 30Page - NXP Semiconductors FXLS8964AF Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
27 / 98
Mode
I2C/SPI
bus state
VDD
Description
Active (WAKE/
SLEEP)
Available
≥ 1.71V
Sensor and analog blocks are enabled when needed (power cycled).
I2C and SPI interfaces are available.
BT_MODE = GND:
FXLS8964AF can automatically transition between the Active SLEEP
and WAKE sub-modes when activity/inactivity is detected. The Auto-
WAKE/SLEEP mode is enabled by setting
ASLP_COUNT ≥ 1.
BT_MODE = VDD:
The Auto-WAKE/SLEEP function is not typically used in this mode
(defaults to disabled), but the host may enable Auto-WAKE/SLEEP by
configuring it through the register interface.
Active (EXT_TRIG)
Available
≥ 1.71V
All blocks are enabled when needed (power cycled). I2C and SPI
interfaces are able to respond to read and write commands.
BT_MODE = GND:
SENS_CONFIG4[INT2_FUNC] = 1
FXLS8964AF automatically transitions between EXT_TRIG and Active
mode upon receiving a trigger signal (low-to-high transition) on the
EXT_TRIG/INT2 pin. Once the measurement cycle has completed, F
XLS8964AF automatically transitions back to the EXT_TRIG state and
waits for the next trigger event.
BT_MODE = VDD:
External trigger mode is not available;
SENS_CONFIG4 [INT2_FUNC
] shall not be written to with any value other than 0.
Notes:
• All register contents are preserved when transitioning from Active to Standby mode.
Some registers are reset when transitioning from Standby to Active. The behavior of all
registers is noted in Table 19.
• Exiting Hibernate mode will cause all register settings to initialize to their default
values. Entering Hibernate mode is equivalent to removing the VDD supply; the device
state, sensor data, and host programmed register contents are lost when this mode is
entered.
• The SLEEP and WAKE modes are Active measurement modes. For more information
on how to use the SLEEP and WAKE modes and how to transition between these
modes, refer to the functionality section of this document.
• The SLEEP and WAKE modes each feature independent power modes and ODR
settings for the HPM and LPM modes. FPM may also be independently enabled
for either WAKE or SLEEP modes, allowing for user programmable idle times and
measurement decimation factors. This allows for the creation of custom ODRs and also
realizing the optimal trade-off between resolution (noise) and power dissipation in a
given application or use-case.
• The EXT_TRIG mode may be used to synchronize the collection of acceleration and
temperature data with an external system, or to create custom ODRs using a MCU
output compare/PWM/GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com