Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8964AF Datasheet(PDF) 23 Page - NXP Semiconductors

Part # FXLS8964AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8964AF Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button FXLS8964AF Datasheet HTML 19Page - NXP Semiconductors FXLS8964AF Datasheet HTML 20Page - NXP Semiconductors FXLS8964AF Datasheet HTML 21Page - NXP Semiconductors FXLS8964AF Datasheet HTML 22Page - NXP Semiconductors FXLS8964AF Datasheet HTML 23Page - NXP Semiconductors FXLS8964AF Datasheet HTML 24Page - NXP Semiconductors FXLS8964AF Datasheet HTML 25Page - NXP Semiconductors FXLS8964AF Datasheet HTML 26Page - NXP Semiconductors FXLS8964AF Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
NXP Semiconductors
FXLS8964AF
3-Axis Low-g Accelerometer
FXLS8964AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Objective data sheet
Rev. 2 — 30 October 2020
23 / 98
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
R/W A6 A5 A4 A3 A2 A1 A0
17
18 19
20
21 22
23 24
D7 D6 D5 D4 D3 D2 D1 D0
X
X
X
X
X
X
X
X
D7
High-Impedance
SPI_CS_B
SCLK
SPI_DATA
SPI_MISO
1
Figure 16. SPI single byte read protocol diagram (3-wire mode)
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
R/W A6 A5 A4 A3 A2 A1 A0
17
18 19
20
21 22
23 24
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
25
27
26
28 29 30 31 32
High-Impedance
X
X
X
X
X
X
X
X
D7
SPI_DATA
SPI_CS_B
SCLK
SPI_MISO
1
Figure 17. SPI multiple byte read protocol diagram (3-wire mode)
11.5 SPI timing specifications (4-wire mode and 3-wire hardwired modes)
Table 12 and Figure 18 specify and illustrate the minimum and maximum timing
parameter values for correct SPI interface functionality when FXLS8964AF is operated
in 4-wire and 3-wire hardwired SPI modes. FXLS8964AF only supports SPI mode
00, corresponding to CPOL = 0, and CPHA = 0. In this mode, the active state of the
clock is high and the idle state is low. Data is latched on the rising edge of the clock
and propagated on the falling edge. All timing specifications shown in Table 12 were
determined under the following conditions: 10 pF capacitor and 1 kΩ pull-up resistor
present on all SPI signals, 105 °C, 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com