Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC830 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
2.7Gb/s Asynchronous
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
Page 4
G52192-0, Rev 4.0
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Power-Down
Power to each output stage is provided through VCC, VCCP, and VEE. VCC is common to all outputs. To
power off unused outputs, tie the respective VEE and VCCP pin to VCC, as shown in Figure 2.
Figure 2: Power-Down Mode Example
Minimum power configuration requires output channel 1A active, so power must be applied to VCCP1A
and VEE1A at all times.
Programmable input termination
Across each differential input (from the + input to the - input) of the VSC830 is a switched 100
Ω termina-
tion resistor. Using the TERM_ENABLE pin, the termination can be optionally disabled. To enable the input
termination, connect the respective TERM_ENABLE pin to VCC. To disable the internal termination, connect
TERM_ENABLE to VEE. If unconnected, the TERM_ENABLE pin will self-bias to VEE and disable the inter-
nal termination. Independent termination controls are provided for the “A” and “B” switches.
VCCP1A
VEE1A
VCCP2A
VEE2A
VCCP1B
VEE1B
VCCP2B
VEE2B
VCC
“OFF”
“OFF”
“ON”
“ON”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com