Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC830 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 12
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Design Guide
Introduction
The purpose of this document is to make it easier for system designers to use the VSC830 2.7Gb/s dual 2x2
crosspoint switch. This guide provides guidelines for I/O terminations, power supply decoupling and board lay-
out.
Signal Terminations
The high-speed inputs (A1A+/-, A1B+/-, A2A+/- and A2B+/-) on the VSC830 are internally terminated
with a programmable 100
Ω termination between the true and complement input. The input termination can be
disabled by connecting the TERM_ENABLE pin to VEE. High impedance internal biasing resistors provide the
correct bias voltage at the inputs for AC-coupled applications (Figure 5).
Figure 5: High-Speed Input Termination
VCC = 3.3 V
VEE = GND
2.0 V
2.0 V
R| | = 3.15kΩ (approx.)
CIN
Chip Boundary
ZO
CIN TYP = 0.1µF (capacitor value is selected for data input = 2.7Gb/s)
CIN
ZO
VCC = 3.3 V
VEE = GND
2.0 V
2.0 V
R| | = 3.15 kΩ (approx.)
CIN
Chip Boundary
ZO
RT = ZO
CIN
VTT
VTT
VTT = VCC - 1.3V
100
a) Termination Enabled
b) Termination Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com