Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC830 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 11
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device number, and package type.
Evaluation Boards
An evaluation board for the VSC830 is available. Please contact your local sales representative.
VSC830
XX
Device Type
Package
2.7Gb/s Asynchronous
QZ: 44-Pin PQFP, 10 x 10mm Body
Dual 2x2 Crosspint Switch
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without written
consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com