Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC830 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 1
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC830 is a monolithic dual 2x2 asynchronous crosspoint switch, designed for critical signal path
control and buffering applications, such as loop-back, protection switching, and multi-channel backplane
driver/receivers. Signal path delay is tightly matched between each output channel to eliminate the need for
delay path compensation when switching between signal sources.
The crosspoint function is based on a multiplexer tree architecture. Each 2x2 switch can be considered as a
pair of 2:1 multiplexers that share the same inputs. The signal path through each switch is fully differential and
delay matched. The signal path is unregistered, so there are no restrictions on the phase, frequency, or signal
pattern at each input. Unused outputs can be independently powered off, thereby eliminating power on unused
sections (see Design Guide section in this data sheet). The switch control inputs can be configured to be com-
patible with PECL or TTL levels. The high-speed input and output levels are nominally PECL compatible and
capable of interfacing with a wide range of termination schemes.
VSC830 Symbol Diagram
• Dual 2x2 Crosspoint Switch
• 2.7Gb/s NRZ Data Bandwidth, 2.7GHz Signal
Bandwidth
• PECL/TTL-Compatible Control Inputs
• PECL-Compatible High-Speed I/O
• 50
Ω Source Terminated Output Driver and
Programmable Input Terminations
• Single 3.3V Supply, 1W Typical Dissipation
• Power-Down Capability for Unused Outputs
• Compact 44-Pin PQFP, 10x10mm Package
A1
Y1
A2
Y2
S1,S2
A1
Y1
A2
Y2
S1,S2


Similar Part No. - VSC830

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
VSC837 VITESSE-VSC837 Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
VSC837UG VITESSE-VSC837UG Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
More results

Similar Description - VSC830

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Vitesse Semiconductor C...
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
2x2 LVPECL Crosspoint switch
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
2x2 LVDS CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
2x2 LVPECL CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L_10 Datasheet
337Kb / 12P
3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
logo
Semtech Corporation
GX4002 SEMTECH-GX4002 Datasheet
3Mb / 74P
GX4002 2x2 14.025Gb/s Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com