Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC830 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
2.7Gb/s Asynchronous
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
Page 6
G52192-0, Rev 4.0
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 8: “A” Input Levels (Differential PECL)
NOTE: (1) Peak-to-peak swing of each side of the differential input.
Table 9: “Y” Output Levels (Differential PECL)
NOTES: (1) Peak-peak swing of each side of the differential output. 223-1 PRBS data. (2) Peak-to-peak swing of each side of the
differential output. Alternating 1, 0 pattern.
Absolute Maximum Ratings
Power Supply Voltage (VCC) Potential to GND ..............................................................................-0.5V to +4.0V
TTL Input Voltage Applied ................................................................................................... -0.5V to VCC +0.5V
ECL Input Voltage Applied .................................................................................................... -0.5V to VCC +0.5V
Output Current (IOUT) .................................................................................................................................... 50mA
Case Temperature Under Bias (TC) .............................................................................................-55
oC to + 125oC
Storage Temperature (TSTG)........................................................................................................-65
oC to + 150oC
NOTE: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing
permanent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Operating Conditions
Supply voltage (VEE) .......................................................................................................................................... 0V
Supply voltage (VCC) ............................................................................................................................ +3.3V ±5%
Supply voltage (VCCP) .......................................................................................................................... +3.3V ±5%
Operating Range(1) (T) ..................................................................................................................... 0oC to +85oC
NOTE: (1) Lower limit of specification is ambient temperature and upper limit is case temperature.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC830 is rated to the following
ESD voltages based on the human body model:
1. All pins are rated at or above 1500V.
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VID
Input differential voltage
200
1000
mV
See Note 1
VICM
Input common-mode voltage
VCC-
1.7
VCC-
0.9
V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOD1
Output differential voltage (Data)
400
700
1000
mV
See Note 1
VOD2
Output differential voltage (Clock)
400
550
850
mV
See Note 2
VOCM
Output common-mode voltage
VCC-
1.6
VCC-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com