Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC830 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 18Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 14
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 7: Examples of High-Speed Output I/O Termination for VSC830
Power Supply and Layout Considerations
The VSC830 is a single supply part, requiring only a 3.3V supply. The location and hook-up of the bypass
capacitors is critical to providing the VSC830 with a clean 3.3V power supply. VCC that are adjacent can share
a 0.027
µF capacitor connected to V
EE.
Normally the four channel specific VCC pins (VCCP1A, VCCP1B, VCCP2A, VCCP2B) are connected to one
common VCC plane. In the same way the four channel specific VEE pins are connected to the common VEE
plane. A suggested decoupling schematic for this configuration is shown in Figure 7a. However, a slightly
higher signal integrity can be achieved if these pins are treated as different power supplies. In this case,
VCCP1A should then be decoupled to VEE1A etc, as shown in Figure 7b.
VCC
VCC
50
Ω
50
Ω
100Ω
0.1µF
0.1µF
ZO = 50Ω
VCC
VCC
50
Ω
50
Ω
50Ω
0.1µF
0.1µF
50Ω
VCC
VCC
ZO = 50Ω
a) Single-Ended AC Termination (Receiver internal biasing required)
b) DC Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com