Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC830 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC830
Description  2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC830 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC830 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC830 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC830
Dual 2x2 Crosspoint Switch
2.7Gb/s Asynchronous
G52192-0, Rev 4.0
Page 13
05/23/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
The high-speed outputs (Y1A+/-, Y1B+/-, Y2A+/- and Y2B+/-) each consist of a differential pair designed
to drive a 50
Ω transmission line. The transmission line should be terminated with a 100Ω resistor at the receiver
of the downstream device between the true and complement outputs. No connection to a termination voltage is
required. The output driver is source terminated to 50
Ω on-chip, providing a snubbing of any reflections. Out-
put power can be cut by tying VEE to VCC. In single ended mode, the unused output must be terminated with
50
Ω. Some output termination examples are shown in Figures 6 and 7.
Figure 6: Examples of High-Speed Output I/O Termination for VSC830
VCC
VCC
50
Ω
50
Ω
50Ω
0.1 µF
0.1 µF
50Ω
VCC
VCC
ZO = 50Ω
VCC
VCC
50
Ω
50
Ω
100Ω
0.1 µF
0.1 µF
ZO = 50Ω
VCC
VCC
50
Ω
50
Ω
0.1 µF
0.1 µF
50Ω
50Ω
100 pF
ZO = 50Ω
a) AC Termination #1
b) AC Termination #2 (Internal biasing required for Receiver)
c) AC Termination #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com