Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 8Page - ASIX Electronics Corporation AX88852 Datasheet HTML 9Page - ASIX Electronics Corporation AX88852 Datasheet HTML 10Page - ASIX Electronics Corporation AX88852 Datasheet HTML 11Page - ASIX Electronics Corporation AX88852 Datasheet HTML 12Page - ASIX Electronics Corporation AX88852 Datasheet HTML 13Page - ASIX Electronics Corporation AX88852 Datasheet HTML 14Page - ASIX Electronics Corporation AX88852 Datasheet HTML 15Page - ASIX Electronics Corporation AX88852 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
12
2.0 Pin Description
2.1A PCS interface
Signal Name
Type Pin No.
Description
RDATA[0][4:0]
RDATA[1][4:0]
RDATA[2][4:0]
RDATA[3][4:0]
RDATA[4][4:0]
RDATA[5][4:0]
RDATA[6][4:0]
RDATA[7][4:0]
I/PU
I/PD*
I/PD*
I/PD*
I/PD*
I/PD*
I/PD*
I/PU
181-177,
195-191
208-204
14-10
30,29,26-
24
44-40
57-53
70-66
Receive Symbol Data : Data is input synchronously with the rising edge of
RSCLK
RSCLK[0]
RSCLK[1]
RSCLK[2]
RSCLK[3]
RSCLK[4]
RSCLK[5]
RSCLK[6]
RSCLK[7]
I
I
I
I
I
I
I
I
182
196
2
15
31
45
58
71
Receive Symbol Clock : This 25Mhz input signal is phase-locked to the
incoming signal at PHY. RSCLK is used to clock in received data from the
RDATA[4:0] data bus.
RSD[0]
RSD[1]
RSD[2]
RSD[3]
RSD[4]
RSD[5]
RSD[6]
RSD[7]
I /PD
I/PD
I/PD
I/PD
I/PD
I/PD
I/PD
I/PD
183
197
3
16
32
46
59
72
Receive Signal Detect : This asynchronous input signal indicates that the
receive signal is above the detection threshold and will be used for link test
state machine.
TDATA[0][4:0]
TDATA[1][4:0]
TDATA[2][4:0]
TDATA[3][4:0]
TDATA[4][4:0]
TDATA[5][4:0]
TDATA[6][4:0]
TDATA[7][4:0]
O/L
O/L
O/L
O/H**
O/H**
O/L
O/L
O/L
190-186
203-199
8-4
22-18
38-34
51-47
65-61
78-74
Transmit Symbol Data : These signals are 4B/5B encoded transmit data
symbol, driven at the rising edge of local 25Mhz clock. LCLK
* RDATA[1:6][4] are pull up.
** TDATA[3][4] and TDATA[4][4] drive capability are MH
Note : “Type” has the following attributes
I : Input
O : Output
I/O : Bi-direction
PU : Pull Up
PD : Pull Down
H : Driving High Current 16mA
MH : Driving Middle High Current 12mA
ML : Driving Middle Low Current 8mA
L : Driving Low Current 4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com