Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 10Page - ASIX Electronics Corporation AX88852 Datasheet HTML 11Page - ASIX Electronics Corporation AX88852 Datasheet HTML 12Page - ASIX Electronics Corporation AX88852 Datasheet HTML 13Page - ASIX Electronics Corporation AX88852 Datasheet HTML 14Page - ASIX Electronics Corporation AX88852 Datasheet HTML 15Page - ASIX Electronics Corporation AX88852 Datasheet HTML 16Page - ASIX Electronics Corporation AX88852 Datasheet HTML 17Page - ASIX Electronics Corporation AX88852 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
14
2.2 MII interface ( two individual MII ports )
Signal Name
Type Pin No.
Description
TX_ER
(share)
O/ML
92
Transmit Error : TX_ER is transition synchronously with respect to the rising
edge of TX_CLK . Asserted high when a code violation is request to be send
TXD[3:0]
(share)
O/ML
97-94
Transmit Data : TXD[3:0] is transition synchronously with respect to the
rising edge of TX_CLK. For each TX_CLK period in which TX_EN is
asserted, TXD[3:0] are accepted for transmission by the PHY.
TX_EN[0]
TX_EN[1]
O/L
O/L
82
98
Transmit Enable : TX_EN is transition synchronously with respect to the
rising edge of TX_CLK. TX_EN indicates that the port is presenting nibbles
on TXD [3:0] for transmission.
RXD[0][3:0]
RXD[1][3:0]
I/PU
I/PU
86-83
102-99
Receive Data : RXD [3:0] is driven by the PHY synchronously with respect to
RX_CLK.
RX_ER[0]
RX_ER[1]
I/PD
I/PD
87
104
Receive Error : RX_ER ,is driven by PHY and synchronous to RX_CLK, is
asserted for one or more RX_CLK periods to indicate to the port that an error
has detected.
RX_CLK[0]
RX_CLK[1]
I
I
88
105
Receive Clock : RX_CLK is a continuous clock that provides the timing
reference for the transfer of the RX_DV,RXD [3:0] and RX_ER signals from
the PHY to the MII port of the repeater.
RX_DV[0]
RX_DV[1]
I/PD
I/PD
89
106
Receive Data Valid : RX_DV is driven by the PHY synchronously with
respect to RX_CLK. Asserted high when valid data is present on RXD [3:1].
CRS[0]
CRS[1]
I/PD
I/PD
90
107
Carrier Sense : Asynchronous signal CRS is asserted by the PHY when either
the transmit or receive medium is non-idle.
COL
(share)
O/ML
91
Collision Signal :This pin indicates collision(s) , that occurred at the collision
domain of the hub, to MII interface devices. Both the MII port use this signal
commonly.
OPT0
OPT1
I/PU
I/PU
81
108
Option for external device type : Default ‘high’ is for PHY type device.
Otherwise, ‘low’ for MAC type device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com