Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 17Page - ASIX Electronics Corporation AX88852 Datasheet HTML 18Page - ASIX Electronics Corporation AX88852 Datasheet HTML 19Page - ASIX Electronics Corporation AX88852 Datasheet HTML 20Page - ASIX Electronics Corporation AX88852 Datasheet HTML 21Page - ASIX Electronics Corporation AX88852 Datasheet HTML 22Page - ASIX Electronics Corporation AX88852 Datasheet HTML 23Page - ASIX Electronics Corporation AX88852 Datasheet HTML 24Page - ASIX Electronics Corporation AX88852 Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
21
3.6 Expansion Logic(Cascade Interface)
The expansion logic is used to stack numerous repeaters. The expansion logic can be divided into two types:
Expansion Logic with Buffer (maximum mode
In this mode, use /IR_ACTO[7:0] and /IR_ACTI[7:0] to cascade repeaters. Buffers are used both in
/IR_ACTO[7:0] and /IR_ACTI[7:0]. This mode is supposed to cascade repeaters on difference boards via cables.
There is a configuration bit /IR_ACT_EN to decide cascade signals are judges by /IR_ACTI[7:0](/IR_ACT_EN
= 0) or /IR_ACTO[7:0](/IR_ACT_EN = 1).
Expansion Logic without Buffer (minimum mode)
In this mode, use /IR_ACTO[7:0] to cascade repeaters. Just connect /IR_ACTO[7:0] without using buffer in this
part. This mode is supposed to cascade repeaters on the same board.
/IR_ACTO<7:0>
RPTR_ID<2:0>
Idle
Active
Collision
0
FFh
FEh
FBh
1
FFh
FDh
FCh
2
FFh
FBh
F9h
3
FFh
F7h
F3h
4
FFh
EFh
E7h
5
FFh
DFh
CFh
6
FFh
BFh
9Fh
7
FFh
7Fh
3Fh
In this table:
a.
All /IR_ACTO[7:0] will be in open-drain state when repeater chip is idle. These signals are all high via
external pull high resister.
b.
One signal of /IR_ACTO[7:0] is low in data forwarding state corresponding to different RPTR_ID[2:0].
c.
Two signals of /IR_ACTO[7:0] are low in collision state corresponding to different RPTR_ID[2:0].
3.7 Management Logic
AX88850 provides the required management information associated with a packet for management chip which
statistics processed on a per packet basis. Transmit ready signal TX_RDY is used as a framing signal for management
data MD. Then management chip uses this data to determine the source of the current packet. MD data is synchronized
to the rising edge of IRD_CK. When collision occur, MD will be tri-state and becomes invalid.
MD frame format
idle
start bit
data0
data1
data2
data3
data4
data5
data6
1
0
PID[0]
PID[1]
PID[2]
PID[3]
PID[4]
RID_CH
PARITY
Notes:
a.
PID[4:0] is the number of the receiving port.
b.
RID_CH indicates change in RID.
c.
PARITY = 1 when sum of 1‘s among PID[4:0] and RID_CH is even
PARITY = xnor (PID[4],PID[3],PID[2],PID[1],PID[0],RID_CH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com