Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 27Page - ASIX Electronics Corporation AX88852 Datasheet HTML 28Page - ASIX Electronics Corporation AX88852 Datasheet HTML 29Page - ASIX Electronics Corporation AX88852 Datasheet HTML 30Page - ASIX Electronics Corporation AX88852 Datasheet HTML 31Page - ASIX Electronics Corporation AX88852 Datasheet HTML 32Page - ASIX Electronics Corporation AX88852 Datasheet HTML 33Page - ASIX Electronics Corporation AX88852 Datasheet HTML 34Page - ASIX Electronics Corporation AX88852 Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
31
4.10 Device ID Register (DEVICEID)
Page 0 Address 5h
Bit
Bit Name
Access
Bit Description
D15-D13
Temp
R/W
Temporary Registers : reserved for system programer used.
D12-D8
PORT_NUM
*R/W Port Number : These bit indicate the last or current receiving port number.
D7
/IR_ACT_EN
*R/W Inter Repeater Active Input Pin Enable : This bit active low to enable
/IR_ACTI[7:0] pin as inter-repeater carrier sense detection input.
Otherwise, /IR_ACTI[7:0] pins is disable and only perform power-on
configuration inputs.
D6
/TO_ID_CLR
R/W
Time Out to Clear repeater ID : Within the time out period, if no daisy
chain repeater ID input. The repeater ID will be clear to RID=0 .
Otherwise, the repeater ID will remain the previous value ( power on
configured value or previous daisy chain reconfigured value).The tome
out period is about 4 to 5 second.
D5
/DIS_DAISY
R/W
Disable RID Daisy-chain Input: No matter what kind of data input from
DAISY_IN pin the RPTR_ID can’t be override.
D4-D0
RPTR_ID
R/W
Repeater ID : At the rising edge of /RST , the value of RID[4:0] are
latched in this register as D[4:0]. The setting of RID[2:0]can be override
according to the data from serial daisy-chain DAISY_IN pin input except
/DIS_DAISY is configured to “low” .
Note that in system application, the maximum of 8 devices can be
cascade. Therefore only RID[2:0] can be variation and the RID[4:3] must
be keep the same value in the same system and avoid conflicted with PHY
device ID.
* Note : Host can’t override these signals.
4.11 Silicon Revision Register
Page 1 Address 5h
Bit
Bit Name
Access
Bit Description
D15-D0
SI_REV[15:0]
RO
Silicon Reversion : Currently reads all 1‘s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com