Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 12Page - ASIX Electronics Corporation AX88852 Datasheet HTML 13Page - ASIX Electronics Corporation AX88852 Datasheet HTML 14Page - ASIX Electronics Corporation AX88852 Datasheet HTML 15Page - ASIX Electronics Corporation AX88852 Datasheet HTML 16Page - ASIX Electronics Corporation AX88852 Datasheet HTML 17Page - ASIX Electronics Corporation AX88852 Datasheet HTML 18Page - ASIX Electronics Corporation AX88852 Datasheet HTML 19Page - ASIX Electronics Corporation AX88852 Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
16
2.5 Expansion Bus Interface
Signal Name
Type Pin No.
Description
IRD[3:0]
I/O/Z
/MH
/PU
164-161 INTER REPEATER DATA : Nibble data input/output. Transfer data from
the “active” AX88850 to all other “inactive” AX88850s. The bus-master of
the IRD bus is determined by IR_VECT bus arbitration.
/IRD_ER
I/O/Z
/MH
/PU
159
INTER REPEATER DATA ERROR: This signal reflect the RX_ER status
of the active port across the inter repeater bus. Used to track receive errors
from the PHY in real time.
/IRD_V
I/O/Z
/MH
/PU
158
INTER REPEATER DATA VALID : This signal reflect the RX_DV status
of the active port across the inter repeater bus. Used to frame good packets.
IRD_CK
I/O/Z
/MH
157
INTER REPEATER CLOCK VALID : All inter repeater signals
are
synchronized to the rising edge of this clock.
IRD_ODIR
O/L
154
INTER REPEATER DATA IN/OUT DIRECTION : This pin indicates the
direction of data for external transceiver.
“High” = IRD[3:0], /IRD_ER, /IRD_V , IRD_CK are Output.
“Low” = IRD[3:0], /IRD_ER, /IRD_V , IRD_CK are Input.
/IR_ACTO
[7:0]
I/O/OC
/H
152-145 INTER REPEATER ACTIVITY IN/OUT: Then the local repeater activity
appearance, the signal of the related RID (Repeater ID) will be asserted and as
a output pin. All other pins serve as input pins but except the collision
conditions. When collision occurred all of the signal of related (RID-1) pins
will served as outputs and will active during local collision period. The
exception case is when RID = 0, then (RID-1) is replaced with (RID+1)=1.
/IR_ACTI[7:0]
or
RID[4:0]
/IR_ACTI[4:0]
/DIS_DAISY
/IR_ACTI[5]
/TO_ID_CLR
/IR_ACTI[6]
/IR_ACT_EN
/IR_ACTI[7]
I/PU
I/PU
I/PU
I/PU
I/PU
143-136
140-136
141
142
143
INTER REPEATER ACTIVITY IN: These pins perform the same function
as /IR_ACTO[7:0] when they serve as input function. Then the
/IR_ACTO[7:0] insert external buffers the input function must be replaced
with /IR_ACTI [7:0].
The /IR_ACTI[7:0] also serve as power-on configuration input:
Repeater Identification Number Parallel In RID[4:0]: When power on reset
these pin as inputs to setup the repeater ID of the chip. RID[2:0] indicate the
repeater ID from 0 to 7. RID[4:3] defines the group code in the cascade
system and must keep difference with PHY ID address definition.
Disable RID Daisy-chain Input. No matter what kind of data input from
DAISY_IN pin ,the repeater ID will never be changed from DAIST_IN.
Time Out to Clear repeater ID : Within the time out period, if no daisy chain
repeater ID input. The repeater ID will be clear to RID=0 . Otherwise, the
repeater ID will remain the previous value ( power on configured value ,
previous daisy chain reconfigured value or the configuration value written via
station management port).The tome out period is about 4 to 5 second.
/IR_ACTI[7:0] pins function is enable when IR_ACT_EN is pulled “low”
when power on. Otherwise , it is disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com