Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 28Page - ASIX Electronics Corporation AX88852 Datasheet HTML 29Page - ASIX Electronics Corporation AX88852 Datasheet HTML 30Page - ASIX Electronics Corporation AX88852 Datasheet HTML 31Page - ASIX Electronics Corporation AX88852 Datasheet HTML 32Page - ASIX Electronics Corporation AX88852 Datasheet HTML 33Page - ASIX Electronics Corporation AX88852 Datasheet HTML 34Page - ASIX Electronics Corporation AX88852 Datasheet HTML 35Page - ASIX Electronics Corporation AX88852 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
32
4.12 Port Management Counter Registers
Each of the 18 ports of the AX88850 has a set of 4 event counters whose values can be read or pre-set (written)
through the Port Management Counter Registers. When PCS (symbol) mode is selected, there is a set of false carrier
counter / per port build-in on the chip. As for MII mode , the false carrier counter will be available on PHY, note that
some PHY chip manufacturer not support those functions.
4.12.1 Short Event Counter Registers
Per port (“n” =port number) counters that indicate the number of Carrier Events that were active for less than the
ShortEventMaxTime, which is defined as between 74 and 82 (76 nominal) bit times.
Bit
Bit Name
Access
Bit Description
D15-D0
P“n”_SE[15:0]
R/W
P“n”_SE[15:0]
4.12.2 Late Event Counter Registers
Per port (“n”= port number) counters that indicate the number of collision that occurred after the
LateEventThreshold, , which is defined as between 480 and 565 (512 nominal) bit times. Both the Late Event and
collisions will be incremented when this event occurs.
Bit
Bit Name
Access
Bit Description
D15-D0
P“n”_LE[15:0]
R/W
P“n”_LE[15:0]
4.12.3 Collision Counter Registers
Per port (“n”= port number) counters that indicate the number of collisions (COL asserted) .
Bit
Bit Name
Access
Bit Description
D15-D0
P“n”_CO[15:0]
R/W
P“n”_CO[15:0]
4.12.4 Auto-Partition Counter Registers
Per port (“n”= port number) counters that indicate the number of times the port was auto-partitioned.
Bit
Bit Name
Access
Bit Description
D15-D0
P“n”_PART[15:
0]
R/W
P“n”_PART[15:0]
4.12.5 False Carrier Counter Registers
Per port (“n”= port number) counters that indicate the number of times the port was false carrier occurred.
Those counters are valid just for PCS mode port 0 to port 7. As for MII mode , the false carrier counter will be
available on PHY, but some PHY chip manufacturer not support those functions.
Bit
Bit Name
Access
Bit Description
D15-D0
P“n”_FCRS[15:
0]
R/W
P“n”_FCRS[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com