Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88852 Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88852
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88852 Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88852 Datasheet HTML 23Page - ASIX Electronics Corporation AX88852 Datasheet HTML 24Page - ASIX Electronics Corporation AX88852 Datasheet HTML 25Page - ASIX Electronics Corporation AX88852 Datasheet HTML 26Page - ASIX Electronics Corporation AX88852 Datasheet HTML 27Page - ASIX Electronics Corporation AX88852 Datasheet HTML 28Page - ASIX Electronics Corporation AX88852 Datasheet HTML 29Page - ASIX Electronics Corporation AX88852 Datasheet HTML 30Page - ASIX Electronics Corporation AX88852 Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
27
4.0 REGISTERS
The AX88850 has 128 16-bit registers which are separated into four pages with each page 32 words. At
power-on or reset , the default value is page 0 registers. The register page can be changed by writing to the register
address 1 on all the four pages .
4.1 Page 0 Register MAP
Address (hex)
Name
Access
Description
0
CONFIG
R/W
Set AX88850 configuration
1
PAGE
R/W
Selects register from page 0 to page 3.
2
PARTITION
RO
Indicates Auto-Partitioning status.(port0 - port9)
3
JABBER
RO
Indicates Jabber status. (port0 - port9)
4
ADMIN
R/W
Port enable / disable, administration control/status(port0 - port9)
5
DEVICE-ID
R/W
Accesses 1) the AX88850 ID number configured externally on the
RID[4:0] pins. 2) the last receiving port number.
The device number of AX88850 may be overwritten after it has been
latched at the end of reset.
6
Reserved
7
Reserved
8
P8-SE
R/W
Port 8 : 16-bit ShortEvent Counter (dedicated MII port 0)
9
P8-LE
R/W
Port 8 : 16-bit LateEvent Counter
A
P8-COL
R/W
Port 8 : 16-bit Collision Counter
B
P8-PART
R/W
Port 8 : 16-bit Auto-partition Counter
C
P9-SE
R/W
Port 9 : 16-bit ShortEvent Counter (dedicated MII port 1)
D
P9-LE
R/W
Port 9 : 16-bit LateEvent Counter
E
P9-COL
R/W
Port 9 : 16-bit Collision Counter
F
P9-PART
R/W
Port 9 : 16-bit Auto-partition Counter
10-13
P0-SE …
P0-PART
R/W
Port 0 management counters ( as per ports 8,9 as above )
14-17
P1-SE …
P1-PART
R/W
Port 1 management counters ( as per ports 8,9 as above )
18-1B
P2-SE …
P2-PART
R/W
Port 2 management counters ( as per ports 8,9 as above )
1C-1F
P3-SE …
P3-PART
R/W
Port 3 management counters ( as per ports 8,9 as above )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com