Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 2 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
2
Microsemi Confidential
1. Block Diagram
Figure 1 - Functional Block Diagram
2. Application Example
Figure 2 - Synchronous Ethernet and IEEE 1588 Central Timing Application
PACKET_REF[ 2:0]
Regis ter A c ces s
FracDiv
IntDiv
FracDiv
IntDiv
HP Synthesizer 2
low-jitter
HPOUT6P
HPOUT6N
HPOUT7P
HPOUT7N
DIV
REF0P
DPLL0
Microprocessor Port
SPI or I2C I/F & GPIO Pins
One Diff / Two
Single-Ended
REF0N
REF1P
One Diff / Two
Single-Ended
REF1N
REF2P
One Diff / Two
Single-Ended
REF2N
REF3P
One Diff / Two
Single-Ended
REF3N
REF4P
One Diff / Two
Single-Ended
REF4N
Reference Monitors
& State Machines
DPLL1
DPLL2
HP Synthesizer 1
low-jitter
GP Synthesizer 0
general purpose
GPOUT0
GPOUT1
DIV
DIV
XO
Optional x2
Master
Clock
DIV
HPOUT4P
HPOUT4N
HPOUT5P
HPOUT5N
DIV
DIV
HPOUT0P
HPOUT0N
HPOUT1P
HPOUT1N
DIV
DIV
HPOUT2P
HPOUT2N
HPOUT3P
HPOUT3N
DIV
DIV
GPS (1PPS)
BITS/SSU
Line
Extracted
Clocks[7:0]
TCXO
DPLL0
T4 path
Synth0
1.544 or 2.048MHz
CMOS to BITS/SSU
1 PPS
DPLL1
SyncE
Synth1
2x 156.25MHz
2x 125MHz
155.52MHz, 161.1328125MHz
or other frequency
DPLL2
1588
Control info from
IEEE 1588 algorithm
Synth2
25MHz
1 PPS or clock w/ embedded PPS
1588 signals to
system components
SyncE signals to
system components
to BITS/SSU system
DPLL1 only present on ZL30795 and ZL30793
DPLL2 only present on ZL30793



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com