Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 1 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZL30791, ZL30795, ZL30793
IEEE 1588 & Synchronous Ethernet
Packet Clock Network Synchronizers
Product Brief
August 2019
1
Microsemi Confidential
Copyright 2019. Microsemi Corporation. All Rights Reserved.
Features
• One, Two or Three DPLL Channels
• Packet and/or physical-layer frequency, phase
and time synchronization
• Physical-layer compliance with ITU-T G.8262,
G.8262.1, G.813, G.812, Telcordia GR-1244,
GR-253
• Packet-timing compliance with ITU-T G.8261,
G.8263, G.8273.2 (class A,B,C&D), G.8273.4
• Enables 5G wireless applications with sub-
100ns time/phase alignment requirements
• Programmable bandwidth, 0.1mHz to 470Hz
• Hitless reference switching and mode switching
• High-resolution holdover averaging
• Programmable phase slope limit for transients,
downto 1 ns/s
• Per-DPLL phase adjustment, 1ps resolution
• Input Clocks
• Accepts up to 10 differential or CMOS inputs
• Any input frequency from 0.5Hz to 900MHz
• Per-input activity and frequency monitoring
• Automatic or manual reference switching
• Fast lock to 1 PPS input, <30 seconds
• Any input can be a 1PPS SYNC input for
REF+SYNC frequency/phase/time locking
• Any input can be a clock with embedded 1PPS
• Per-input phase adjustment, 1ps resolution
• Output Clock Frequency Generation
• Any output frequency from <0.5Hz to 1045MHz
(180MHz max for Synth0)
• High-resolution fractional frequency conversion
with 0ppm error
• Synthesizers 1 & 2 have integer and fractional
dividers to make a total of 5 frequency families
• Output jitter from Synths 1 & 2 is <0.3ps RMS
• Output jitter from fractional dividers is typically
< 1ps RMS, many frequencies <0.5ps RMS
• Each HPOUTP/N pair can be LVDS, LVPECL,
HCSL, 2xCMOS, HSTL or programable diff.
• Four output banks each with VDDO pin; CMOS
output voltages from 1.5V to 3.3V
• Per-synthesizer phase adjust, 1ps resolution
• Per-output programmable duty cycle
• Precise output alignment circuitry and per-
output phase adjustment
• Per-output enable/disable and glitchless
start/stop (stop high or low)
• Local Oscillator
• Operates from a single TCXO or OCXO: 23.75-
25MHz, 47.5-50MHz, 114.285-125MHz
• Very-low-jitter applications can connect a TCXO
or OCXO as the stability reference and a low-
jitter XO as the jitter reference
• General Features
• Automatic self-configuration at power-up from
internal Flash memory
• Input-to-output alignment <2ns
• Internal compensation (1ppt) for local oscillator
frequency error in DPLLs and input monitors
• Numerically controlled oscillator behavior in
each DPLL and each fractional output divider
• Programmable Time of Day counters
• Easy-to-configure design requires no external
VCXO or loop filter components
• 7 GPIO pins with many possible behaviors
• SPI or I2C processor Interface
• 1.8V and 3.3V core VDD voltages
• Power: 1.3W for 2 inputs, 1 synth, 6 LVDS out
• Easy-to-use evaluation/programming software
• Factory programmable power-up configuration
Applications
•
Central system timing ICs for SyncE and/or
IEEE 1588, SONET/SDH, OTN, wireless base
station and other carrier-grade systems
•
G.8262/813 EEC/SEC, Telcordia Stratum 2-4
Ordering Information
ZL30791LFG7
1-Channel
80-lead LGA Trays
ZL30795LFG7
2-Channel
80-lead LGA Trays
ZL30793LFG7
3-Channel
80-lead LGA Trays
NiAu (Pb-free)
Package size: 11 x 11 mm
-40C to +85C


Similar Part No. - ZLS30383

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
Global Limit Switches
logo
RUBYCON CORPORATION
ZLS RUBYCON-ZLS Datasheet
167Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Honeywell Solid State E...
ZLSA01A1AR HONEYWELL-ZLSA01A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLSA03A1AR HONEYWELL-ZLSA03A1AR Datasheet
505Kb / 6P
Global Limit Switches
ZLSA04A1AR HONEYWELL-ZLSA04A1AR Datasheet
505Kb / 6P
Global Limit Switches
More results

Similar Description - ZLS30383

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33810 IDT-82P33810_16 Datasheet
285Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
logo
MTRONPTI
M610X MTRONPTI-M610X_12 Datasheet
405Kb / 2P
IEEE 1588 & Synchronous Ethernet
logo
Integrated Device Techn...
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Microsemi Corporation
ZL30771 MICROSEMI-ZL30771 Datasheet
362Kb / 6P
IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com