Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 3 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
3
Microsemi Confidential
3. Detailed Features
3.1
Input Block Features
•
Ten input reference pins; each can accept a CMOS signal or the POS side of a differential pair; or two
can be paired to accept both sides of a differential pair
•
Any input can be a SYNC signal for REF+SYNC frequency/phase/time locking
•
Any input can be a clock signal with embedded PPS signal (duty cycle distortion indicates PPS location)
•
Input clocks can be any frequency from 0.5Hz up to 900MHz (180MHz max for CMOS inputs)
•
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN, wireless
•
Inputs constantly monitored by programmable frequency and single-cycle monitors
•
Single-cycle monitor can quickly disqualify a reference when measured period is incorrect
•
Frequency measurement (ppb or Hz) and monitoring (coarse, fine, and frequency-step monitors)
•
Optional input clock invalidation on GPIO assertion to react to LOS signals from PHYs
•
Input-to-input phase measurement, 1ps resolution
•
Input-to-DPLL phase measurement, 1ps resolution
•
Per-input phase adjustment, 1ps resolution
3.2
DPLL Features
•
One, two or three full-featured DPLLs
•
Very high-resolution DPLL architecture
•
State machine automatically transitions among freerun, tracking and holdover states
•
Revertive or nonrevertive reference selection algorithm
•
Programmable bandwidth from 0.1mHz to 470Hz
•
Less than 0.1dB gain peaking
•
Fast frequency/phase/time lock capability for 1PPS or clock+1PPS input references
•
Programmable phase-slope limiting (PSL)
•
Programmable frequency rate-of-change limiting (FCL)
•
Programmable tracking range (i.e. hold-in range)
•
Truly hitless reference switching and mode switching
•
Physical-to-physical reference switching
•
Physical-to-packet reference switching
•
Packet-to-physical reference switching
•
Packet-to-packet reference switching
•
Per-DPLL phase adjustment, 1ps resolution
•
High-resolution frequency and phase measurement
•
Fast detection of input clock failure and transition to holdover mode
•
High-resolution holdover frequency averaging, better than 0.01ppb when using <10mHz filter
•
Time-of-Day registers: 48-bit seconds, 32-bit nanoseconds, writeable on input PPS edge
3.3
Synthesizer Features
•
Any-to-any frequency conversion with 0ppm error
•
Two low-jitter synthesizers (Synth1, Synth2) with very high-resolution fractional scaling (i.e. non-integer
multiplication)
•
Two output dividers per low-jitter synthesizer: one integer (4 to 15 plus half divides 4.5 to 7.5) and one
40-bit fractional
•
One general-purpose synthesizer (Synth0)
•
A total of five output frequency families
•
Easy-to-configure, completely encapsulated design requires no external VCXO or loop filter
components
3.4
Low-Jitter Output Clock Features
•
Up to 16 single-ended outputs (up to 8 differential outputs) from Synth1 and Synth2
•
Each output can be one differential output or two CMOS outputs
•
Output clocks can be any frequency from 1Hz to 1045MHz (250MHz max for CMOS and HSTL outputs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com