Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 6 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
6
Microsemi Confidential
•
Native Ethernet (switched) & IP (routed) networks
•
xDSL
•
Microwave
•
Fully aware, partially aware and unaware timing supported networks
•
Networks including intermediate Boundary Clocks and Transparent Clocks
•
Networks with and without SyncE or frequency physical layer support
4.4
Clock Specifications
The Time Synchronization Algorithm meets the performance requirements from ITU-T packet clock specifications,
or draft packet clock specifications, including:
•
ITU-T G.8261 Appendix VI
•
ITU-T G.8263 PEC-S
•
ITU-T G.8273.2 T-BC full on-path without SyncE
•
ITU-T G.8273.2 T-BC full on-path with SyncE
•
ITU-T G.8273.2 T-TSC full on-path without SyncE
•
ITU-T G.8273.2 T-TSC full on-path with SyncE
•
ITU-T G.8273.4 T-BC-A (draft)
•
ITU-T G.8273.4 T-BC-P (draft)
•
ITU-T G.8273.4 T-TSC-A (draft)
•
ITU-T G.8273.4 T-TSC-P (draft)
4.5
Profiles
The Time Synchronization Algorithm is suitable for use in a wide variety of markets and applications, including the
following IEEE 1588-2008 Profiles:
•
IEEE 1588 Annex J.3 Delay Request-Response Default Profile (2008)
•
IEEE 1588 Annex J.4 Peer-to-peer Default Profile (2008)
•
ITU-T G.8265.1 Telecom Profile for Frequency Synchronization (Edition 1)
•
ITU-T G.8275.1 Telecom Profile for Phase with Full Timing Support Networks (Edition 1)
•
ITU-T G.8275.1 Telecom Profile for Phase with Full Timing Support Networks (Edition 2)
•
ITU-T G.8275.2 Telecom Profile for Phase with Partial Timing Support Networks (Edition 1)
•
CableLabs CM-SP-RDTI Remote DTI Profile (Edition I0x)
•
AES 67 Standard for Audio Applications of Networks
– High-Performance Streaming Audio-over-IP
interoperability: PTP Profile for Media Applications
•
SMPTE 2095-2 Profile for Use of IEEE-1588 Precision Time Protocol in Professional Broadcast
Applications
•
AES R16 Project Report
– PTP parameters for AES67 and SMPTE ST 2059-2 interoperability
•
IEEE C37.238 Standard Profile for Use of IEEE 1588 Precision Time Protocol in Power System
Applications (Edition 2011)
•
IEEE C37.238 Standard Profile for Use of IEEE 1588 Precision Time Protocol in Power System
Applications (Edition 2017)
•
IEC 61850-9-3 Precision time protocol profile for power utility automation (Edition 1.0)
•
IEC 62439-3 PTP profiles for high-availability automation networks (Edition 3.0)
•
IEEE802.1as AVB-TSN gPTP
•
IEEE 1588-2018 Annex J.5 High Accuracy Profile (based on White Rabbit)
•
IETF TICTOC Enterprise Profile
4.6
Monitoring & Redundancy
The Time Synchronization Algorithm includes monitoring and redundancy for high availability synchronization,
including:
•
Synchronization to the best available server
•
Client monitoring of secondary server references
o
Monitoring includes full time synchronization reporting of secondary server



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com