Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 7 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
7
Microsemi Confidential
o
Supports a programmable number of secondary server connections
•
Hitless reference switching between multiple servers
•
Holdover when server packet connectivity is lost
•
TIE-clear option to build out, or clear, phase offsets between server references
4.7
General
The Time Synchronization Algorithm includes many advanced features to aide in the high-accuracy & high-stability
applications, including:
•
Full PLL state machine (Freerun, Holdover, Frequency Lock Acquiring, Frequency Lock Acquired, Phase
Lock Acquired), with programmable thresholds for state transitions
•
Programmable, non-linear packet selection with PDV suppression
•
Programmable bandwidth configurability from sub-mHz to 100s of mHz.
•
Programmable packet rates from 1 packet/second to over 128 packets/second
•
Programmable phase slope limiting, down to 1 ns/s
•
Programmable frequency change limiting, down to 1 ppb/s
•
Warm-start to initialize or seed the Time Synchronization Algorithm from a stored or last-known-good
frequency offset to improve convergence
•
Programmable thresholds for management of phase errors: when to adjust with frequency offsets and
when to adjust with phase jumps
•
User ability to manually add frequency offsets due to temperature or ageing (especially during holdover
state)
4.8
Reporting
The Time Synchronization Algorithm includes user reporting to aide in performance debugging, including:
•
Set of user notifications about packet network events, such as packet loss, small transient phase jumps,
large transient phase jumps, outliers, network path re-routes
•
Set of metrics related to the synchronization, such as frequency stability and phase stability
•
Independent reporting of the forward path and reverse path lock status
•
Oscillator stability analysis for excessive ageing or temperature variation
•
Server tracking impairments such as pull-in range exceeded
4.9
Product Number Support
There are several Time Synchronization Algorithm products.
The following table provides a summary of
support with the ZL3079x devices. Refer to ZLS30380 API User Guide section 1
.0 “Products”.
Product Number
Product Name
Supported
ZLS30387
Basic Frequency and Phase Support
No
ZLS30384
Intermediate
Frequency & Phase
Support
No
ZLS30383
Qualcomm
Small Cell Custom
No
ZLS30380
Advanced
Yes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com