Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 4 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
4
Microsemi Confidential
•
Output jitter from Synth1 and Synth2 integer dividers is <0.3ps RMS
•
Output jitter from fractional dividers is <1ps RMS, many frequencies <0.5ps RMS
•
In CMOS mode, the HPOUTxN frequency can be an integer divisor of the HPOUTxP frequency
(Example 1: HPOUT3P 125MHz, HPOUT3N 25MHz. Example 2: HPOUT2P 25MHz, HPOUT2N 1Hz)
•
Outputs directly interface (DC coupled) with LVDS, LVPECL, HSTL, HCSL and CMOS components
•
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN
•
Can produce clock frequencies for microprocessors, ASICs, FPGAs and other components
•
Can produce PCIe clocks
•
Sophisticated output-to-output phase alignment
•
Per-synthesizer phase adjustment, 1ps resolution
•
Per-output phase adjustment
•
Per-output duty cycle / pulse width configuration
•
Per-output enable/disable
•
Per-output glitchless start/stop (stop high or low)
3.5
General-Purpose Output Clock Features
•
Two CMOS outputs from Synth0
•
Any frequency from 0.5Hz to 180MHz
•
Output jitter is typically 20-30ps
•
Useful for applications where the component or system receiving the signal has low bandwidth such as
a central timing IC
•
Can output a clock signal with embedded PPS (ePPS) (duty cycle distortion indicates PPS location)
3.6
Local Oscillator
•
Operates from a single TCXO or OCXO. Acceptable frequencies: 23.75MHz to 25MHz, 47.5MHz to
50MHz, 114.285MHz to 125MHz. Best jitter:
48MHz.
•
Very-low-jitter applications can connect a TCXO or OCXO (any frequency, any output jitter) as the
stability reference and a low-cost low-jitter XO as the jitter reference
•
This ability to have separate jitter and stability references greatly reduces the cost of the TCXO or
OCXO (no jitter requirement, no high-frequency-requirement) and allows reuse of already-qualified
TCXO and OCXO components
3.7
General Features
•
Automatic self-configuration at power-up from internal Flash memory
•
Input-to-output alignment <200ps with external feedback
•
Fast REF+SYNC locking for frequency and 1PPS phase alignment with lower-cost oscillator
•
Generates output SYNC signals: 1PPS (IEEE 1588), 2kHz or 8kHz (SONET/SDH) or other frequency
•
JESD204B clocking: device clock and SYSREF signal generation with skew adjustment
•
Internal compensation for local oscillator frequency error in DPLLs and input monitors, 1ppt resolution
•
Numerically controlled oscillator (NCO) behavior allows system software to steer DPLL frequency or
fractional output divider frequency with resolution better than 0.005ppt
•
Spread-spectrum modulation available in each fractional output divider (PCIe compliant)
•
Seven general-purpose I/O pins each with many possible status and control options
•
SPI or I2C serial microprocessor interface
3.8
Evaluation Software
•
Simple, intuitive Windows-based graphical user interface
•
Supports all device features and register fields
•
Makes lab evaluation of the device quick and easy
•
Generates configuration scripts to be stored in internal Flash memory
•
Generates full or partial configuration scripts to be run on a system processor
•
Works with or without an evaluation board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com