Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS30383 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # ZLS30383
Description  IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZLS30383 Datasheet(HTML) 5 Page - Microsemi Corporation

  ZLS30383 Datasheet HTML 1Page - Microsemi Corporation ZLS30383 Datasheet HTML 2Page - Microsemi Corporation ZLS30383 Datasheet HTML 3Page - Microsemi Corporation ZLS30383 Datasheet HTML 4Page - Microsemi Corporation ZLS30383 Datasheet HTML 5Page - Microsemi Corporation ZLS30383 Datasheet HTML 6Page - Microsemi Corporation ZLS30383 Datasheet HTML 7Page - Microsemi Corporation ZLS30383 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZL30791, ZL30795, ZL30793
Product Brief
5
Microsemi Confidential
4. Software Features
The following figure shows the Time Synchronization Algorithm system environment. The subsections below list the
features of the Time Synchronization Algorithm.
Host Processor
Transport
Layer
Protocols
Microsemi
ZLS30390
IEEE 1588-2008
Protocol Engine
Microsemi
ZLS30380
Time Sync
Algorithm
Microsemi
PLL
SyncE/
Stratum 3/
GNSS/
IEEE 1588
Microsemi
Ethernet
MAC & PHY
(Timestamp)
Operating System
Application Layer
Control, Configuration, Stats & Alarms
Packet
Network
Clock
PPS
Timestamp Reference Clock
4.1
Time Synchronization Algorithm
The Time Synchronization Algorithm is responsible to accurately synchronize the local clock to a selected Server.
The Time Synchronization Algorithm is synchronizing the Client to the Server to meet a variety of specifications or
applications related to frequency accuracy (FFO), frequency (MTIE, TDEV), phase (1 Hz or 1PPS) and time (UTC
& GNSS/GPS).
The Time Synchronization Algorithm can run on a variety of host processor architectures, whether embedded into
an SoC or on a dedicated small scale CPU (such as Microsemi’s SmartFusion2 SoC FPGA). The Time
Synchronization Algorithm will interconnect with a wide array of software-programmable clock generators (such as
Microsemi’s Network Synchronizer PLLs), protocol engines (such as Microsemi’s ZLS30390 IEEE 1588-2008
Protocol Engine) and underlying Ethernet MACs and PHYs that perform hardware timestamping.
4.2
End Application Target Performance
The Time Synchronization Algorithm is suitable for many end application targets, including:
•
Frequency offset accuracy performance for GSM, WCDMA-FDD, LTE-FDD femtocell, small cell
(residential, urban, rural, enterprise), picocell and macrocell applications, with target performance less than
± 15 ppb
•
Frequency performance for ITU-T G.823 and G.824 synchronization interface, as well as G.8261 PNT
EEC, PNT PEC and CES interface specifications
•
Phase Synchronization performance for WCDMA-TDD, Mobile WiMAX, TD-SCDMA, CDMA2000, LTE-
TDD, LTE-A, LTE-A Pro and 5G NR femtocell, small cell (residential, urban, rural, enterprise), picocell and
macrocell applications with target performance less than ± 1
s phase alignment
•
Time Synchronization for TAI, UTC-traceability and GNSS/GPS replacement
4.3
Packet Networks
The Time Synchronization Algorithm is suitable for high performance over a variety of packet networks including:
•
ITU-T G.8261 Appendix VI
•
ITU-T G.8261.1 network limit compliant
•
ITU-T G.8271.1 network limit compliant without SyncE
•
ITU-T G.8271.2 network limit compliant



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com