Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 15Page - National Semiconductor (TI) LM3370 Datasheet HTML 16Page - National Semiconductor (TI) LM3370 Datasheet HTML 17Page - National Semiconductor (TI) LM3370 Datasheet HTML 18Page - National Semiconductor (TI) LM3370 Datasheet HTML 19Page - National Semiconductor (TI) LM3370 Datasheet HTML 20Page - National Semiconductor (TI) LM3370 Datasheet HTML 21Page - National Semiconductor (TI) LM3370 Datasheet HTML 22Page - National Semiconductor (TI) LM3370 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Application Information
SETTING OUTPUT VOLTAGE VIA I
2C Compatible
The outputs of the LM3370 can be programmed through
Buck 1 & Buck 2 registers via I
2C. Buck 1 output voltage can
be dynamically adjusted between 1V to 2V in 50mV steps
and Buck 2 output voltage can be adjusted between 2.3V to
3.3V in 100mV steps. Please refer to voltage selection table
on page 19 for programming the desire output voltage. If the
I
2C compatible feature is not used, the default output voltage
will be the pre-trimmed voltage. For example, LM3370SD-
3021 refers to 1.2V for Buck 1 and 3.3V for Buck 2.
Micro-Stepping:
The Micro-Stepping feature minimizes output voltage
overshoot/undershoot during large output transients or large
iumps in output voltage. If Micro-stepping is enabled through
I
2C, the output voltage automatically ramps at 50mV per
step for Buck 1 and 100mV per step for Buck 2. The steps
are summarized as follow:
Buck 1: 50mV/step and 32µs/step
Buck 2: 100mV/step and 32µs/step
For example if changing Buck 1 voltage from 1V to 1.8V
yields 20 steps [(1.8 - 1)/ 0.05 = 20]. This translates to 640µs
[(20 x 32µs) = 640µs] needed to reach the final target
voltage.
INDUCTOR SELECTION
There are two main considerations when choosing an induc-
tor; the inductor should not saturate, and the inductor current
ripple is small enough to achieve the desired output voltage
ripple.
There are two methods to choose the inductor current rating.
method 1:
The total current is the sum of the load and the inductor
ripple current. This can be written as
•
I
LOAD load current
•
V
IN input voltage
•
L inductor
•
f switching frequency
method 2:
A more conservative approach is to choose an inductor that
can handle the maximum current limit of 1400mA.
Given a peak-to-peak current ripple (I
PP) the inductor needs
to be at least
A 2.2µH inductor with a saturation current rating of at least
1400mA is recommended for most applications. The induc-
tor’s resistance should be less than around 0.2
Ω for good
efficiency. Table 1 lists suggested inductors and suppliers.
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to lay out the board with overlapping footprints of both types
for design flexibility. This allows substitution of a low-noise
toroidal inductor, in the event that noise from low-cost bobbin
models is unacceptable.
INPUT CAPACITOR SELECTION
A ceramic input capacitor of 4.7µF, 6.3V is sufficient for most
applications. A larger value may be used for improved input
voltage filtering. The input filter capacitor supplies current to
the PFET switch of the LM3370 in the first half of each cycle
and reduces voltage ripple imposed on the input power
source. A ceramic capacitor’s low ESR provides the best
noise filtering of the input voltage spikes due to this rapidly
changing current. Select an input filter capacitor with a surge
current rating sufficient for the power-up surge from the input
power source. The power-up surge current is approximately
the capacitor’s value (µF) times the voltage rise rate (V/µs).
The input current ripple can be calculated as:
Below are some suggested inductor manufacturers include
but are not limited to:
TABLE 1. Suggested Inductors and Suppliers
Model
Vendor
Dimensions
(mm)
I
SAT
DO3314-222
Coilcraft
3.3 x 3.3 x 1.4
1.6A
LPO3310-222
3.3 x 3.3 x 1.0
1.1A
SD3114-2R2
Cooper
3.1 x 3.1 x 1.4
1.48A
NR3010T2R2M
Taiyo Yuden
3.0 x 3.0 x 1.0
1.1A
NR3015T2R2M
3.0 x 3.0 x 1.5
1.48A
VLF3010AT-
2R2M1R0
TDK
2.6 x 2.8 x 1.0
1.0A
OUTPUT CAPACITOR SELECTION
DC bias characteristics of ceramic capacitors must be con-
sidered when selecting case sizes like 0805 and 0603. DC
bias characteristics vary from manufacturer to manufacturer
and dc bias curves should be requested from them as part of
the capacitor selection process.
The output filter capacitor smoothes out current flow from the
inductor to the load, helps maintain a steady output voltage
during transient load changes and reduces output voltage
ripple. These capacitors must be selected with sufficient
capacitance and sufficiently low ESR to perform these func-
tions. The output ripple current can be calculated as:
Voltage peak-to-peak ripple due to capacitance =
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com