Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 10Page - National Semiconductor (TI) LM3370 Datasheet HTML 11Page - National Semiconductor (TI) LM3370 Datasheet HTML 12Page - National Semiconductor (TI) LM3370 Datasheet HTML 13Page - National Semiconductor (TI) LM3370 Datasheet HTML 14Page - National Semiconductor (TI) LM3370 Datasheet HTML 15Page - National Semiconductor (TI) LM3370 Datasheet HTML 16Page - National Semiconductor (TI) LM3370 Datasheet HTML 17Page - National Semiconductor (TI) LM3370 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Operation Description (Continued)
FORCED PWM MODE
The LM3370 auto mode can be bypassed by forcing the
device to operate in PWM mode, this can be implemented
through the I
2C compatible interface; see Output Table on
page 19.
SOFT-START
The LM3370 has a soft start circuit that limits in-rush current
during start up. Soft start is activated only if EN goes from
logic low to logic high after V
IN reaches 2.7V.
LDO - LOW DROP OUT OPERATION
The LM3370 can operate at 100% duty cycle (no switching,
PFET switch completely on) for low drop out support of the
output voltage. In this way the output voltage will be con-
trolled down to the lowest possible input voltage. The mini-
mum input voltage needed to support the output voltage is
V
IN,MIN =ILOAD*(RDSON,PFET +RINDUCTOR)+VOUT
• I
LOAD
load current
• R
DSON/PFET drain to source resistance of PFET switch in
the triode region
• R
INDUCTOR
inductor resistance
20167303
FIGURE 5. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com