Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 15Page - National Semiconductor (TI) LM3370 Datasheet HTML 16Page - National Semiconductor (TI) LM3370 Datasheet HTML 17Page - National Semiconductor (TI) LM3370 Datasheet HTML 18Page - National Semiconductor (TI) LM3370 Datasheet HTML 19Page - National Semiconductor (TI) LM3370 Datasheet HTML 20Page - National Semiconductor (TI) LM3370 Datasheet HTML 21Page - National Semiconductor (TI) LM3370 Datasheet HTML 22Page - National Semiconductor (TI) LM3370 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Application Information (Continued)
Voltage peak-to-peak ripple due to ESR = V
PP-ESR
=
I
PP*RESR
Voltage peak-to-peak ripple, root mean squared =
Note that the output ripple is dependent on the current ripple
and the equivalent series resistance of the output capacitor
(R
ESR). The RESR is frequency dependent (as well as tem-
perature dependent); make sure that the frequency of the
R
ESR given is the same order of magnitude as the switching
frequency.
TABLE 2. Suggested Capacitors and Their Suppliers
Model
Description
Case
Size
Vendor
4.7µF for C
IN
C1608X5R0J475 Ceramic,
X5R, 6.3V
Rating
0603
TDK
C2012X5R0J475 Ceramic,
X5R, 6.3V
Rating
0805
JMK212BJ475
Ceramic,
X5R, 6.3V
Rating
0805
Taiyo
Yuden
GRM21BR60J475 Ceramic,
X5R, 6.3V
Rating
0805
muRata
GRM219R60J-
475KE19D
Ceramic,
X5R, 6.3V
Rating
0805(Thin)
<1mm
Height
10µF C
OUT
C2012X5R0J106 Ceramic,
X5R, 6.3V
Rating
0805
TDK
JMK212BJ106
Ceramic,
X5R, 6.3V
Rating
0805
Taiyo
Yuden
GRM21BR60J106 Ceramic,
X5R, 6.3V
Rating
0805
muRata
GRM219R60J-
106KE19D
Ceramic,
X5R, 6.3V
Rating
0805(Thin)
< 1mm
Height
POR (POWER ON RESET)
The LM3370 has an independent POR functions (nPOR) for
each buck converter. The nPOR1 and nPOR2 are open
drain circuits which pull low when the outputs are below 94%
(rising V
OUT) or 85% (falling VOUT) of the desire output. The
inherent delay between the output (at 94% of V
OUT)tothe
time at which the nPOR is enabled is about 50ms. A pull up
resistor of 100k
Ω at nPOR pin is required. Please refer to the
electrical specification table for other timing options. The
diagram below illustrates the timing response of the POR
function.
20167319
SPREAD SPECTRUM (SS)
The LM3370 features Spread Spectrum capability, via I
2C, to
reduce the noise amplitude of the switching frequency during
data transmission. The feature can be enabled by activating
the appropriate control register bit (see register information
section for detail). The main clock of the LM3370 features
spread spectrum, where : F
OSC = 2MHz ± 22kHz. This help
reduce noise caused by the harmonics present in the wave-
forms at the switch pins of the buck regulators. It is controlled
by I
2C in the following manner:
I
2C bit
Modulation Frequency
SS_fmod = 1 (default)
1 kHz
SS_fmod = 0
2 kHz
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter
design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces.
These can send erroneous signals to the DC-DC converter
IC, resulting in poor regulation or instability.
Good layout for the LM3370 can be implemented by follow-
ing a few simple design rules:
1.
Place the LM3370, inductor and filter capacitors close
together and make the traces short. The traces between
these components carry relatively high switching cur-
rents and act as antennas. Following this rule reduces
radiated noise. Place the capacitors and inductor within
0.2 in. (5mm) of the LM3370.
2.
Arrange the components so that the switching current
loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor,
through the LM3370 and inductor to the output filter
capacitor and back through ground, forming a current
loop. In the second half of each cycle, current is pulled
up from ground, through the LM3370 by the inductor, to
the output filter capacitor and then back through ground,
forming a second current loop. Routing these loops so
the current curls in the same direction prevents mag-
netic field reversal between the two half-cycles and re-
duces radiated noise.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com