Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 9Page - National Semiconductor (TI) LM3370 Datasheet HTML 10Page - National Semiconductor (TI) LM3370 Datasheet HTML 11Page - National Semiconductor (TI) LM3370 Datasheet HTML 12Page - National Semiconductor (TI) LM3370 Datasheet HTML 13Page - National Semiconductor (TI) LM3370 Datasheet HTML 14Page - National Semiconductor (TI) LM3370 Datasheet HTML 15Page - National Semiconductor (TI) LM3370 Datasheet HTML 16Page - National Semiconductor (TI) LM3370 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Operation Description
DEVICE INFORMATION
The LM3370, a dual high efficiency step down DC-DC con-
verter, delivers regulated voltages from input rails between
2.7V to 5.5V. Using voltage mode architecture with synchro-
nous rectification, the LM3370 has the ability to deliver up to
600mA per channel. The performance is optimized for sys-
tems where efficiency and space are critical.
There are three modes of operation depending on the cur-
rent required — PWM, PFM, and shutdown. PWM mode
handles loads of approximately 70mA or higher with 90%
efficiency or better. Lighter loads cause the device to auto-
matically switch into PFM mode to maintain high efficiency
with low supply current (I
Q = 20µA typ.) per channel.
The LM3370 can operate up to a 100% duty cycle (PFET
switch always on) for low drop out control of the output
voltage. In this way the output voltage will be controlled
down to the lowest possible input voltage.
Additional features include soft-start, under voltage lock out,
current overload protection, and thermal overload protection.
CIRCUIT OPERATION
During the first portion of each switching cycle, the control
block in the LM3370 turns on the internal PFET switch. This
allows current to flow from the input through the inductor to
the output filter capacitor and load. The inductor limits the
current to a ramp with a slope of
by storing energy in a magnetic field. During the second
portion of each cycle, the controller turns the PFET switch
off, blocking current flow from the input, and then turns the
NFET synchronous rectifier on. The inductor draws current
from ground through the NFET to the output filter capacitor
and load, which ramps the inductor current down with a
slope of
The output filter stores charge when the inductor current is
high, and releases it when low, smoothing the voltage across
the load.
PWM OPERATION
During PWM operation the converter operates as a voltage-
mode controller with input voltage feed forward. This allows
the converter to achieve excellent load and line regulation.
The DC gain of the power stage is proportional to the input
voltage. To eliminate this dependence, feed forward in-
versely proportional to the input voltage is introduced.
INTERNAL SYNCHRONOUS RECTIFICATION
While in PWM mode, the LM3370 uses an internal NFET as
a synchronous rectifier to reduce rectifier forward voltage
drop and associated power loss. Synchronous rectification
provides a significant improvement in efficiency whenever
the output voltage is relatively low compared to the voltage
drop across an ordinary rectifier diode.
CURRENT LIMITING
A current limit feature allows the LM3370 to protect itself and
external components during overload conditions. PWM
mode implements cycle-by-cycle current limiting using an
internal comparator that trips at 1200mA (typ.). If the outputs
are shorted to ground the device enters a timed current limit
mode where the NFET is turned on for a longer duration until
the inductor current falls below a low threshold, ensuring
inductor has more time to decay, thereby preventing run-
away.
PFM OPERATION
At very light loads, the converter enters PFM mode and
operates with reduced switching frequency and supply cur-
rent to maintain high efficiency.
The part will automatically transition into PFM mode when
either of two conditions are true, for a duration of 32 or more
clock cycles:
1.
The NFET current reaches zero.
2.
The peak PFET switch current drops below the I
MODE
level .
Supply current during this PFM mode is less than 20µA per
channel, which allows the part to achieve high efficiency
under extremely light load conditions. When the output drops
below the ‘low’ PFM threshold, the cycle repeats to restore
the output voltage to
∼1.2% above the nominal PWM output
voltage.
If the load current should increase during PFM mode (see
Figure 5) causing the output voltage to fall below the ‘low2’
PFM threshold, the part will automatically transition into
fixed-frequency PWM mode.
During PFM operation, the converter positions the output
voltage slightly higher than the nominal output voltage during
PWM operation, allowing additional headroom for voltage
drop during a load transient from light to heavy load. The
PFM comparators sense the output voltage via the feedback
pin and control the switching of the output FETs such that the
output voltage ramps between 0.8% and 1.6% (typical)
above the nominal PWM output voltage. If the output voltage
is below the ‘high’ PFM comparator threshold, the PFET
power switch is turned on. It remains on until the output
voltage exceeds the ‘high’ PFM threshold or the peak current
exceeds the I
PFM level set for PFM mode. The typical peak
current in PFM mode is:
I
PFM = 115mA + VIN/57
Ω
Once the PFET power switch is turned off, the NFET power
switch is turned on until the inductor current ramps to zero.
When the NFET zero-current condition is detected, the
NFET power switch is turned off. If the output voltage is
below the ‘high’ PFM comparator threshold (see Figure 5),
the PFET switch is again turned on and the cycle is repeated
until the output reaches the desired level. Once the output
reaches the ‘high’ PFM threshold, the NFET switch is turned
on briefly to ramp the inductor current to zero and then both
output switches are turned off and the part enters an ex-
tremely low power mode.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com