Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 11Page - National Semiconductor (TI) LM3370 Datasheet HTML 12Page - National Semiconductor (TI) LM3370 Datasheet HTML 13Page - National Semiconductor (TI) LM3370 Datasheet HTML 14Page - National Semiconductor (TI) LM3370 Datasheet HTML 15Page - National Semiconductor (TI) LM3370 Datasheet HTML 16Page - National Semiconductor (TI) LM3370 Datasheet HTML 17Page - National Semiconductor (TI) LM3370 Datasheet HTML 18Page - National Semiconductor (TI) LM3370 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
I
2C Compatible Interface Electrical Specifications
Unless otherwise noted, V
BATT = 2.7V to 5.5V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −30˚C to +125˚C. (Notes 2, 8, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
F
CLK
Clock Frequency
400
kHz
t
BF
Bus-Free Time between Start and Stop
(Note 10)
1.3
µS
t
HOLD
Hold Time Repeated Start Condition
(Note 10)
0.6
µS
t
CLKLP
CLK Low Period
(Note 10)
1.3
µS
t
CLKHP
CLK High Period
(Note 10)
0.6
µS
t
SU
Set Up Time Repeated Start Condition
(Note 10)
0.6
µS
t
DATAHLD
Data Hold Time
(Note 10)
200
nS
t
CLKSU
Data Set Up Time
(Note 10)
200
nS
T
SU
Set Up Time for Start Condition
(Note 10)
0.6
µS
T
TRANS
Maximum Pulse Width of Spikes that Must be
Suppressed by the Input Filter of Both DATA & CLK
signals.
(Note 10)
50
nS
VDD_I
2CI2C Logic High Level
1
V
IN
V
I
2C Compatible Interface
In I
2C compatible mode, the SCL pin is used for the I2C clock
and the SDA pin is used for the I
2C data. Both these signals
need a pull-up resistor according to I
2C specification. The
values of the pull-up resistor are determined by the capaci-
tance of the bus (typ.
∼1.8k). Signal timing specifications are
according to the I
2C bus specification. Maximum frequency
is 400 kHz.
I
2C COMPATIBLE DATA VALIDITY
The data on SDA line must be stable during the HIGH period
of the clock signal (SCL). In other words, state of the data
line can only be changed when CLK is LOW.
20167306
I
2C COMPATIBLE START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of
the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH.
STOP condition is defined as the SDA transitioning from
LOW to HIGH while SCL is HIGH. The I
2C master always
generates START and STOP bits. The I
2C bus is considered
to be busy after START condition and free after STOP con-
dition. During data transmission, I
2C master can generate
repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
20167307
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com