Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3370 Datasheet HTML 1Page - National Semiconductor (TI) LM3370 Datasheet HTML 2Page - National Semiconductor (TI) LM3370 Datasheet HTML 3Page - National Semiconductor (TI) LM3370 Datasheet HTML 4Page - National Semiconductor (TI) LM3370 Datasheet HTML 5Page - National Semiconductor (TI) LM3370 Datasheet HTML 6Page - National Semiconductor (TI) LM3370 Datasheet HTML 7Page - National Semiconductor (TI) LM3370 Datasheet HTML 8Page - National Semiconductor (TI) LM3370 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin Descriptions
Pin #
Name
Description
1V
IN2
Main Battery Power Input for Buck 2
2
SW2
Buck 2 Switch Pin
3
PGND2
Buck 2 Power Ground
4V
DD
Analog and Digital V
DD Battery Input
5
SGND
Analog GND
6
PGND1
Buck 1 Power Ground
7
SW1
Buck 1 Switch Pin
8V
IN1
Main Battery Power Input for Buck 1
9
FB1
Analog Feedback Input for Buck 1
10
SDA
I
2C Compatible Data,a2k
Ω pull up resistor is required.
11
SCL
I
2C Compatible Clock,a2k
Ω pull up resistor is required.
12
nPOR1
Power ON Reset for Buck 1, Open drain output Low when Buck 1 output is 92% of
target output. A 100 k
Ω pull up resistor is required
13
nPOR2
Power ON Reset for Buck 2, Open drain output Low when Buck 2 output is 92% of
target output. A 100 k
Ω pull up resistor is required
14
EN1
Buck 1 Enable
15
EN2
Buck 2 Enable
16
FB2
Analog feedback for Buck 2
I
2C Controlled Features
Features
Parameter
Comments
Output Voltage
V
OUT1 &VOUT2
Output voltage is controlled via I
2C compatible
Modes
Buck 1 & Buck 2
Mode can be controlled via I
2C
compatible by either forcing device
in Auto mode or forced PWM mode
Spread Spectrum
Buck 1 & Buck 2
Spread Spectrum capability via I
2C compatible for noise reduction
Ordering Information
Order Number
Voltage Option
Package Marking
Supplied As
LM3370SD-3013*
1.2V & 2.5V
250 units, Tape-and-Reel
LM3370SDX-3013*
3000 units, Tape and Reel
LM3370SD-3021
1.2V & 3.3V
S0003TB
250 units, Tape-and-Reel
LM3370SDX-3021
S0003TB
3000 units, Tape-and-Reel
LM3370SD-3416*
1.4V & 2.8V
250 units, Tape-and-Reel
LM3370SDX-3416*
3000 units, Tape-and-Reel
LM3370SD-4221*
1.8V & 3.3V
250 units, Tape-and-Reel
LM3370SDX-4221*
3000 units, Tape-and-Reel
Note the LM3370SD-3013 has the following default output voltages where V
OUT1 =1.2V&VOUT2 = 2.5V
* Contact National Semiconductor for availability
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com