Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3370 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3370 Datasheet HTML 1Page - National Semiconductor (TI) LM3370 Datasheet HTML 2Page - National Semiconductor (TI) LM3370 Datasheet HTML 3Page - National Semiconductor (TI) LM3370 Datasheet HTML 4Page - National Semiconductor (TI) LM3370 Datasheet HTML 5Page - National Semiconductor (TI) LM3370 Datasheet HTML 6Page - National Semiconductor (TI) LM3370 Datasheet HTML 7Page - National Semiconductor (TI) LM3370 Datasheet HTML 8Page - National Semiconductor (TI) LM3370 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3370
Dual Synchronous Step-Down DC-DC Converter with
Dynamic Voltage Scaling Function
General Description
LM3370 is a dual step-down DC-DC converter optimized for
powering an ultra-low voltage circuits from a single Li-Ion
battery and input rail ranging from 2.7V to 5.5V. It provides
two outputs with 600mA load per channel. The output volt-
age range varies from 1V to 3.3V and can be dynamically
controlled using the I
2C compatible interface. This dynamic
voltage scaling function allows processors to achieve maxi-
mum performance at the lowest power level. The I
2C com-
patible interface can also be used to control auto PFM-PWM/
PWM mode selection and other performance enhancing
features.
The LM3370 offers superior features and performance for
portable systems with complex power management require-
ments. Automatic intelligent switching between PWM low-
noise and PFM low-current mode offers improved system
efficiency. Internal synchronous rectification enhances the
converter efficiency without the use of futher external device.
There is a power-on-reset function that monitors the level of
the output voltage to avoid unexpected power losses. The
independent enable pin for each output allows for simple and
effective power sequencing.
LM3370 is available in a 4mm by 5mm 16-lead non-pullback
LLP
package.
A
high
switching
frequency — 2MHz
(typ) — allows use of tiny surface-mount components includ-
ing a 2.2µH inductor.
Default fixed voltages for the 2 voltage outputs can be
customized to fit system requirements by contacting National
Semiconductor Corporation.
Features
n
I
2C compatible interface
—V
OUT1 = 1V to 2V in 50mV steps
—V
OUT2 = 2.3V to 3.3V in 100mV steps
— Automatic PFM/PWM mode switching & Forced PWM
mode for low noise operation
— Spread Spectrum capability using I
2C
n
600mA load per channel
n
2MHz PWM fixed switching frequency (typ.)
n
Internal synchronous rectification for high efficiency
n
Internal soft start
n
Power-on-reset function for both outputs
n
2.7V
≤ V
IN
≤ 5.5V
n
Operates from a single Li-Ion cell or 3 cell NiMH/NiCd
batteries and 3.3V/5.5V fixed rails
n
2.2µH Inductor, 4.7µF Input and 10µF Output Capacitor
per channel
n
16-lead LLP Package (4mm x 5mm x 0.8mm)
Applications
n
Baseband Processors
n
Application Processors (Video, Audio)
n
I/O Power
n
FPGA Power and CPLD
PRELIMINARY
December 2005
© 2005 National Semiconductor Corporation
DS201673
www.national.com


Similar Part No. - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3370SD-3013 NSC-LM3370SD-3013 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370SD-3013/NOPB TI1-LM3370SD-3013/NOPB Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
More results

Similar Description - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
Synchronous Step-Down DC/DC Converter
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
Synchronous Step-Down Voltage Regulator with Voltage Scaling
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
Dual Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
1A Dual Synchronous Step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com