Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV1010AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADMV1010
Rev. B | Page 5 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
24 NIC
ADMV1010
TOP VIEW
(Not to Scale)
23 NIC
22 IF2
21 NIC
20 NIC
19 IF1
18 NIC
17 NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED. THESE
PINS ARE NOT INTERNALLY CONNECTED. IT IS
RECOMMENDED TO GROUND THESE PINS ON THE PCB.
2. EXPOSED PAD. EXPOSED PAD MUST BE
CONNECTED TO GND. GOOD RF AND THERMAL
GROUNDING IS RECOMMENDED.
1
2
3
4
5
6
7
8
NIC
GND
RFIN
GND
NIC
NIC
NIC
NIC
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5 to 9, 12, 13, 15 to 18,
20, 21, 23 to 27, 29 to 32
NIC
Not Internally Connected. These pins are not internally connected. It is recommended to ground
these pins on the PCB.
2, 4, 11
GND
Ground.
3
RFIN
RF Input. This pin is ac-coupled internally and matched to 50 Ω, single-ended.
10
LO_IN
LO Input. This pin is ac-coupled internally and matched to 50 Ω single-ended.
14
VDLO
Power Supply Voltage for the LO Amplifier. Refer to the Applications Information section for the
required external components and biasing.
19
IF1
Quadrature IF Output 1. Matched to 50 Ω and ac coupled. No external dc block required.
22
IF2
Quadrature IF Output 2. Matched to 50 Ω and ac coupled. No external dc block required.
28
VDRF
Power Supply Voltage for the RF Amplifier. Refer to the Applications Information section for the
required external components and biasing.
EPAD
Exposed Pad. The exposed pad must be connected to GND. Good RF and thermal grounding is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com