Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV1010AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 9Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADMV1010
Data Sheet
Rev. B | Page 6 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
IF FREQUENCY = 2.7 GHz
Data taken at VDRF = 4 V, VDLO = 4 V, LO = −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤ +85°C, data taken with Mini-Circuits QCN-45+
power splitter as upper sideband (low-side LO), unless otherwise noted.
10
11
12
13
14
15
16
17
18
12.5
13.0
13.5
14.0
14.5
15.0
15.5
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 3. Conversion Gain vs. RF Frequency at Various Temperatures
20
25
30
35
40
45
55
50
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 4. Image Rejection vs. RF Frequency at Various Temperatures
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–6
–4
–2
0
2
4
6
8
10
–40°C
+25°C
+85°C
Figure 5. Input IP3 vs. RF Frequency at Various Temperatures
10
11
12
13
14
15
16
17
18
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–4dBm
0dBm
+4dBm
Figure 6. Conversion Gain vs. RF Frequency at Various LO Powers
20
25
30
35
40
45
50
55
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–4dBm
0dBm
+4dBm
Figure 7. Image Rejection vs. RF Frequency at Various LO Powers
–6
–4
–2
0
2
4
6
8
10
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–4dBm
0dBm
+4dBm
Figure 8. Input IP3 vs. RF Frequency at Various LO Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com