Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV1010AEZ-R7 Datasheet HTML 1Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 2Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 3Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 4Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 5Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 6Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 7Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 8Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
12.6 GHz to 15.4 GHz,
GaAs, MMIC, I/Q Downconverter
Data Sheet
ADMV1010
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017-2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF input frequency range: 12.6 GHz to 15.4 GHz
IF output frequency range: 2.7 GHz to 3.5 GHz
LO input frequency range: 9 GHz to 12.6 GHz
Power conversion gain: 15 dB typical
Image rejection: 25 dB typical
SSB noise figure: 2 dB typical
Input IP3: 1 dBm typical
Input P1dB: −7 dBm typical
Single-ended, 50 Ω RF and LO input ports
4.9 mm × 4.9 mm, 32-terminal LCC with exposed pad
APPLICATIONS
Point to point microwave radios
Radars and electronic warfare systems
Instrumentation and automatic test equipment
Satellite communications
FUNCTIONAL BLOCK DIAGRAM
19
10
22
2
4
3
14
28
RFIN
LOIN
VDLO
IF1
IF2
GND
GND
11
GND
VDRF
ADMV1010
Figure 1.
GENERAL DESCRIPTION
The ADMV1010 is a compact, gallium arsenide (GaAs) design,
monolithic microwave integrated circuit (MMIC), I/Q down-
converter in a RoHS compliant package optimized for point to
point microwave radio designs that operates in the 12.6 GHz to
15.4 GHz frequency range. The ADMV1010 is optimized to work
as a low noise, upper sideband (low-side local oscillator (LO)),
image reject downconverter.
The ADMV1010 provides 15 dB of conversion gain with 25 dB
of image rejection. The ADMV1010 uses a radio frequency
(RF), low noise amplifier (LNA) followed by an in-phase/
quadrature (I/Q) double balanced mixer, where a driver
amplifier drives the LO. IF1 and IF2 mixer outputs are
provided, and an external 90° hybrid is needed to select the
required sideband. The I/Q mixer topology reduces the need for
filtering the unwanted sideband. The ADMV1010 is a much
smaller alternative to hybrid style SSB downconverter
assemblies, and it eliminates the need for wire bonding by
allowing the use of surface-mount manufacturing assemblies.
The ADMV1010 downconverter comes in a compact, thermally
enhanced, 4.9 mm × 4.9 mm, 32-terminal LCC package. The
ADMV1010 operates over the −40°C to +85°C temperature range.


Similar Part No. - ADMV1010AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
ADMV1011AEZ AD-ADMV1011AEZ Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
ADMV1011AEZ-R7 AD-ADMV1011AEZ-R7 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
ADMV1012-EVALZ AD-ADMV1012-EVALZ Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
More results

Similar Description - ADMV1010AEZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
4/2019-Revision 0
ADMV1012 AD-ADMV1012 Datasheet
441Kb / 19P
17.5 GHz to 24 GHz, GaAs, MMIC, I/Q Downconverter
2/2018-Rev. 0 to Rev. A
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC977 AD-HMC977 Datasheet
797Kb / 20P
GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
11/2019-v02.0815 to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com