Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV1010AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADMV1010
Rev. B | Page 15 of 21
SPURIOUS PERFORMANCE
Data taken at VDRF = 4 V, VDLO = 4 V, LO = 0 dBm, −40°C ≤
TA ≤ +85°C; data taken with Mini-Circuits QCN-45+ power
splitter as upper sideband (low-side LO), unless otherwise noted.
Table 5. LO Harmonic Leakage (dBm) at IF Output
Harmonics
LO Frequency (MHz)1
1.0
2.0
3.0
4.0
9000
−36
−48
−47
−49
9500
−22
−47
−45
−50
10,000
−20
−47
−43
−60
10,500
−18
−48
−42
−53
11,000
−19
−46
−41
−50
11,500
−28
−41
−38
−65
12,000
−42
−47
−35
−60
12,600
−43
−46
−32
−61
1
LO Input Power = 0 dBm.
M × N SPURIOUS PERFORMANCE
LO = 4 dBm, Upper Sideband
IF = 2700 MHz, RF = 13.3 GHz at −20 dBm; all values in dBc
below the IF power level. N/A means not applicable.
N × LO
−2
−1
0
+1
+2
M × RF
−1
N/A
N/A
N/A
N/A
28
0
N/A
N/A
N/A
13
39
+1
N/A
0
24
51
43
+2
52
86
61
65
71
IF = 3100 MHz, RF = 13.3 GHz at −20 dBm; all values in dBc
below the IF power level. N/A means not applicable.
N × LO
−2
−1
0
+1
+2
M × RF
−1
N/A
N/A
N/A
N/A
25
0
N/A
N/A
N/A
13
40
+1
N/A
0
24
50
40
+2
55
78
61
63
72
IF = 3500 MHz, RF = 13.3 GHz at −20 dBm; all values in dBc
below the IF power level. N/A means not applicable.
N × LO
−2
−1
0
+1
+2
M × RF
−1
N/A
N/A
N/A
N/A
24
0
N/A
N/A
N/A
14
38
+1
N/A
0
24
49
44
+2
54
66
60
61
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com