Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV1010AEZ-R7 Datasheet HTML 10Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 11Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 12Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ADMV1010
Data Sheet
Rev. B | Page 14 of 21
RETURN LOSS PERFORMANCE
Data taken at VDRF = 4 V, VDLO = 4 V, LO = −4 dBm ≤ LO ≤ +4 dBm, −40°C ≤ TA ≤ +85°C, data taken with Mini-Circuits QCN-45+
power splitter as upper sideband (low-side LO), unless otherwise noted. Measurement includes trace loss and RF connector loss.
–10
–28
–26
–24
–22
–20
–18
–16
–14
–12
–30
12.0
12.5
13.5
13.0
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 41. RF Input Return Loss vs. RF Frequency at Various Temperatures
–10
–30
–25
–20
–15
–35
8
9
10
11
12
13
14
LO FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 42. LO Input Return Loss vs. LO Frequency at Various Temperatures
–8
–10
–12
–16
–20
–14
–18
–22
2.0
2.2
2.4
2.6
2.8
3.0
3.0
3.4
3.6
3.8
4.0
IF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 43. IF Output Return Loss vs. IF Frequency at Various Temperatures
–10
–28
–26
–24
–22
–20
–18
–16
–14
–12
–30
12.0
12.5
13.5
13.0
14.0
14.5
15.0
15.5
16.0
RF FREQUENCY (GHz)
+4dBm
+0dBm
–4dBm
Figure 44. RF Input Return Loss vs. RF Frequency at Various LO Powers
–10
–30
–25
–20
–15
–35
8
9
10
11
12
13
14
LO FREQUENCY (GHz)
+4dBm
+0dBm
–4dBm
Figure 45. LO Input Return Loss vs. LO Frequency at Various LO Powers
–8
–10
–12
–16
–20
–14
–18
–22
2.0
2.2
2.4
2.6
2.8
3.0
3.0
3.4
3.6
3.8
4.0
IF FREQUENCY (GHz)
+4dBm
+0dBm
–4dBm
Figure 46. IF Output Return Loss vs. IF Frequency at Various LO Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com