Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV1010AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADMV1010
Data Sheet
Rev. B | Page 20 of 21
BILL OF MATERIALS
Table 6.
Qty.
Reference Designator
Description
Manufacturer/Part No.
1
Not applicable
PCB
Analog Devices/042361
2
C1, C7
100 pF multilayer ceramic capacitors, high
temperature, 0402
Murata/GRM1555C1H101JA01D
2
C2, C8
0.01 µF ceramic capacitors, X7R, 0402
Murata/GRM155R71E103KA01D
2
C3, C9
1 µF monolithic ceramic capacitors, SMD, X5R,
0402
Taiyo Yuden/UMK107AB7105KA-T
4
GND, GND1, VDLO, VDLNA
Connection PCB SMT test points, CNKEY5016TP
Keystone Electronics Corporation/5016
3
LO_INPUT, RF_INPUT, IF_OUTPUT
Connection PCB SMA, K_SRI-NS,
CNSMAL460W295H156
SRI Connector Gage Co./25-146-1000-92
1
R3
50 Ω, high frequency chip resistor, 0402
Vishay Precision Group/FC0402E50R0FST1
1
X1
XFMR power splitter/combiner, 2500 MHz to
4500 MHz, TSML126W63H42
Mini-Circuits/QCN-45+
1
Device Under Test (DUT)
GaAs, MMIC, I/Q downconverter
Analog Devices/ADMV1010AEZ
1
Heatsink
Heatsink
Analog Devices/111332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com