Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1010AEZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV1010AEZ-R7
Description  12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1010AEZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV1010AEZ-R7 Datasheet HTML 13Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 14Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 15Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 16Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 17Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 18Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 19Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 20Page - Analog Devices ADMV1010AEZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADMV1010
Rev. B | Page 17 of 21
APPLICATIONS INFORMATION
The evaluation board and typical application circuit are
optimized for low-side LO (upper sideband) performance with
the Mini-Circuit QCN-45+ RF 90° hybrid. Because the I/Q
mixers are double balanced, the ADMV1010 can support IF
frequencies from 3.5 GHz to low frequency.
TYPICAL APPLICATION CIRCUIT
The typical applications circuit is shown in Figure 47. The
application circuit shown here has been replicated for the
evaluation board circuit.
13/15 DC
ADMV1010AEZ
0.01µF
QCN-45+
50Ω
1µF
0.01µF
1µF
100pF
100pF
DUT
IF_OUTPUT
LO_INPUT
RF_INPUT
VDLNA
VDLO
X1
C7
C8
C9
R3
C3
C2
C1
LO_INPUT
RF_INPUT
IF_OUTPUT
VDLNA
VDLO
3
24
17
8
7
6
5
1
22
19
23
21
20
18
4
2
4
3
2
1
1
1
1
1
1
6
4
3
NIC
NIC
IF2
GND
GND
IF1
GND
NIC
NIC
NIC
NIC
NIC
GND
RFIN
GND
NIC
AGND
AGND
AGND
AGND
AGND
AGND
PORT_1
PORT_2
GND
50_OHM_TERM
GND
SUM_PORT
AGND
AGND
AGND
5
2
4
3
2
4
3
2
Figure 47. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com